Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBD20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # VBD20
Description  VBD20 Series DC-DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VBD20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  VBD20 Datasheet HTML 1Page - List of Unclassifed Manufacturers VBD20 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VBD20 Series DC-DC Converter
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
General Specifications
Efficiency
see table
Isolation Voltage
1 500VDC min.
Isolation Resistance
108 ohms min
Switching Frequency
300KHz, Type
Operating Temperature Range
-25°C to +71°C
Case Temperature
100°C max.
Storage Temperature
-40°C to +85°C
EMI/RFI
Six sided Continuous Shield
Derating, Above 71°C
Linearly to Zero Power at + 100°C
Case Temperature
100°C max
Storage Temperature Range
-55°C to +105°C
Dimensions
2.0x1.0x0.4 inches
(50.8x25.4x10.2mm)
Case Material
Black Coated Copper with
Non-Conductive Base
NOTES:
1. Measured from high line to low line
2. Measured from full load to 1/10 load
3.The output noise is measured with 0.1µF ceramic capacitor
4. Suffix “S” to the model number with alternative pin configuration


Similar Part No. - VBD20

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
   DC/DC converter
VBD20-D24-D12 CUI-VBD20-D24-D12 Datasheet
241Kb / 3P
   DC/DC converter
VBD20-D24-D15 CUI-VBD20-D24-D15 Datasheet
241Kb / 3P
   DC/DC converter
VBD20-D24-S12 CUI-VBD20-D24-S12 Datasheet
241Kb / 3P
   DC/DC converter
VBD20-D24-S15 CUI-VBD20-D24-S15 Datasheet
241Kb / 3P
   DC/DC converter
More results

Similar Description - VBD20

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
RCQ75 XPPOWER-RCQ75 Datasheet
503Kb / 5P
   RCQ75 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com