Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4793B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # U4793B
Description  CURRENT MONITOR IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4793B Datasheet(HTML) 2 Page - ATMEL Corporation

  U4793B Datasheet HTML 1Page - ATMEL Corporation U4793B Datasheet HTML 2Page - ATMEL Corporation U4793B Datasheet HTML 3Page - ATMEL Corporation U4793B Datasheet HTML 4Page - ATMEL Corporation U4793B Datasheet HTML 5Page - ATMEL Corporation U4793B Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
U4793B
4557A–AUTO–11/02
Pin Configuration
Figure 2. Pinning DIP8/SO8
GND
VS
OUT2
IN1
Input switch
VRef
IN2
OUT1
1
2
3
4
8
7
6
5
Pin Description
Pin
Symbol
Function
1
GND
Reference point, ground
2
VS
Supply voltage
3
OUT2
Output 2
4
IN1
Input 1
5
OUT1
Output 1
6
IN2
Input 2
7
VRef
Reference voltage
8
Input switch
Input switch
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltage
Pin 2, 7
V
S
16.5
V
Current consumption
t = 2 ms, measured at Pin 1 (GND) Pin 1
I
1
1.5
A
Output current
Pin 3, 5
I
3,5
20
mA
Input voltage reference point Pin 7 Pin 4, 6
-V
4,6
6V
Power dissipation
T
amb = 125°C,DIP8
SO8
Ptot
220
150
mW
mW
Tamb = 95°C, DIP8
SO8
P
tot
420
360
mW
mW
T
amb = 60°C, DIP8
SO8
P
tot
690
560
mW
mW
Ambient temperature range
T
amb
-40 to +125
°C
Storage temperature range
T
stg
-55 to +125
°C
Junction temperature
T
j
150
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
DIP8
SO8
R
thJA
R
thJA
110
160
K/W
K/W


Similar Part No. - U4793B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
178Kb / 8P
   Current Monitor IC
logo
TEMIC Semiconductors
U4793B-FP TEMIC-U4793B-FP Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B-FP TEMIC-U4793B-FP Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
More results

Similar Description - U4793B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4793B ATMEL-U4793B_05 Datasheet
178Kb / 8P
   Current Monitor IC
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
   Battery Monitor IC
May, 2013 Ver.1.5
LC809202F ONSEMI-LC809202F Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
logo
KODENSHI_AUK CORP.
KOM-1021 KODENSHI-KOM-1021 Datasheet
242Kb / 1P
   Power Monitor IC
KOM-5121 KODENSHI-KOM-5121 Datasheet
236Kb / 1P
   Power Monitor IC
logo
ON Semiconductor
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
   Battery Monitor IC
April, 2013
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
   SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
Winbond
W82C610 WINBOND-W82C610 Datasheet
54Kb / 6P
   MONITOR SOFTWARE OSD IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com