Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPA4609IPFBT Datasheet(PDF) 9 Page - Texas Instruments

Part # MPA4609IPFBT
Description  Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MPA4609IPFBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button MPA4609IPFBT Datasheet HTML 5Page - Texas Instruments MPA4609IPFBT Datasheet HTML 6Page - Texas Instruments MPA4609IPFBT Datasheet HTML 7Page - Texas Instruments MPA4609IPFBT Datasheet HTML 8Page - Texas Instruments MPA4609IPFBT Datasheet HTML 9Page - Texas Instruments MPA4609IPFBT Datasheet HTML 10Page - Texas Instruments MPA4609IPFBT Datasheet HTML 11Page - Texas Instruments MPA4609IPFBT Datasheet HTML 12Page - Texas Instruments MPA4609IPFBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MPA4609
9
SBOS252D
www.ti.com
APPLICATIONS INFORMATION
DIFFERENTIAL FIXED GAIN AMPLIFIER OPERATION
The MPA4609 consists of four pairs of two-channel, low-
noise, differential input stages that can be selected using a
pair of digital control pins. These two pins, F/R, are intended
to switch 4 differential preamps from the forward tape head
to the reverse tape head in a tape preamp application. This
multiplexing capability can be used in other applications as
well. Where a high gain, quad differential output is required,
one set of inputs can be used for signal transmission while
the other set can be applied as a reference signal input or as
a simple
look-away during high overdrive conditions on the
signal input. Channel switching is a fast 50ns.
Figure 1 shows the internal configuration for 1 of 4 channels
along with a simplified external configuration used for test.
Since the MPA4609 is such a high gain device, the input
signal is typically attenuated for test purposes at the input
through a resistive divider network that matches the source
and provides a 65
Ω differential source impedance looking
out of the inputs. Those are not shown in Figure 1, but some
input signal interface components were typically present
when the Typical Characteristics curves were taken.
All input pins are DC-biased from an internal 2.1V bandgap
reference through 3k
Ω resistors. In application, the total AC
source impedance is dominated by the low source imped-
ance of the head, giving a minimal gain for the input current
noise terms. For a low output DC offset, very low input
voltage offset and bias current offset terms are required. The
±0.8mV maximum input offset voltage along with the ±0.25µA
typical input bias current offset give a low total output DC
differential offset voltage. AC loading for the source is mini-
mal given the low 3.5pF differential input capacitance looking
into each of the 8 inputs.
Channel select is provided in the 1st stage of the amplifier.
The unselected input stage is biased down. The output stage
includes a common-mode control loop referenced to the 2.1V
internal bandgap reference. Output swings specified in the
Specifications and Characteristics are at the internal nodes
(V
O) prior to the series 470Ω resistors provided in each
output leg. These resistors provide an easy way to adjust the
overall differential gain by including an external RL. However,
it is the internal output swing (V
O) that matters in setting the
limits to performance.
The 2.1V I/O DC bias voltage is intended to retain maximum
differential output voltage swing when the nominal +5V single
supply drops as low as +4.5V. Each output can swing
±0.75V
around this bias giving a maximum 3VPP differential signal at
V
O. This 3VPP available swing is adequate to support most
differential ADC input ranges. The series 470
Ω output resis-
tors also provide an easy means to bandlimit at the input of
the ADC with a single capacitor. Input signals that require DC
coupling can override the input common-mode reference
over the specified 1.4 to 2.3V input common-mode range
limits at 25
°C.
MPA4609
1 of 4 Channel Pairs
V
I
3k
470
470
3k
3k
+5V
V
S
2.2
µF
+
3k
V
CM
G = 190V/V
2.1V
V
CM
2.1V
Channel
Select
R
S = 65Ω
1:1
G = 190V/V
Reverse
Forward
V
I
R
S = 65Ω
1:1
F/R
0.1
µF
V
O
R
L
V
CM
2.1V
V
O
FIGURE 1. Typical Test Circuit for 1 of 4 Channel Pairs.


Similar Part No. - MPA4609IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPA4609IPFBR TI1-MPA4609IPFBR Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
MPA4609IPFBRG4 TI1-MPA4609IPFBRG4 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
More results

Similar Description - MPA4609IPFBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPA4609 TI1-MPA4609_15 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
Elite Semiconductor Mem...
F59L512M81A ESMT-F59L512M81A Datasheet
1Mb / 40P
   Command/Address/Data Multiplexed I/O Port
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4151 NSC-THS4151 Datasheet
1Mb / 35P
   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
NTE Electronics
NTE1135 NTE-NTE1135 Datasheet
20Kb / 2P
   Integrated Circuit High Gain Audio Preamp
logo
Texas Instruments
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com