Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2846 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2846 Datasheet HTML 1Page - Texas Instruments OPA2846 Datasheet HTML 2Page - Texas Instruments OPA2846 Datasheet HTML 3Page - Texas Instruments OPA2846 Datasheet HTML 4Page - Texas Instruments OPA2846 Datasheet HTML 5Page - Texas Instruments OPA2846 Datasheet HTML 6Page - Texas Instruments OPA2846 Datasheet HTML 7Page - Texas Instruments OPA2846 Datasheet HTML 8Page - Texas Instruments OPA2846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MPA4609
SBOS252D – AUGUST 2002 – REVISED MARCH 2005
www.ti.com
Copyright © 2002-2005, Texas Instruments Incorporated
Quad, Differential I/O, 2X1 Multiplexed
High Gain Preamp
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FEATURES
q 4 DIFFERENTIAL OUTPUT CHANNELS
q 2 SETS OF 4 DIFFERENTIAL INPUTS
q 90MHz BANDWIDTH UP TO 3.5V
PP OUTPUT
q GAIN OF 190V/V (No External Load)
q LOW 0.65nV/
Hz INPUT NOISE VOLTAGE
q 50mA QUIESCENT CURRENT (5V Supply)
q LOW CROSSTALK, TQFP-48 PACKAGING
q TTL/CMOS CHANNEL SELECT LINE
APPLICATIONS
q TAPE PREAMP
q TEST EQUIPMENT
q MULTI-CHANNEL TWISTED PAIR RECEIVER
q SAW FILTER POSTAMPLIFIER
q HIGH GAIN QUAD ADC DRIVERS
q ULTRA SOUND PRE-AMPLIFIERS
MPA
4609
PART NUMBER
DESCRIPTION
OPA2846
Dual, Low-Noise Op Amp
ADS5121
Octal, 10-Bit 40MSPS ADC
RELATED PARTS
DESCRIPTION
The MPA4609 is one of the lowest noise, fixed gain, 5V
single-supply, differential amplifiers available for amplifica-
tion of low-level signals in a variety of system applications.
The chip has two sets of four differential input, low-noise
amplifiers that are routed to four output stages. Two standard
logic input select lines control which set of four input preamps
are active. For applications such as tape recorders, four
heads in forward and four heads in reverse can be selected
at one time.
The quad consists of eight differential low noise (0.65nV
√Hz)
voltage preamps. Two select lines control two pairs of inputs.
Each of the output stages provides a nominal 470
Ω-output
impedance on each half of the differential output stages. The
overall gain of 190V/V may be attenuated by adding an
external load resistor between each set of differential out-
puts. For example, adding an external 940
Ω resistor across
the output pins will reduce the nominal differential gain by
half to 95V/V.
Internal biasing controls the differential inputs to 2.0V and
outputs to a 2.1V common-mode operating level. The maxi-
mum no-load differential output swing is 3.5VPP centered on
the 2.1V bias level. A low input offset voltage and bias
current offset holds the maximum output differential offset to
<
±350mV for no-load conditions.
The low (3.5pF) input capacitance makes this part useable
for applications requiring wide bandwidth and multiple pick-
ups often seen in testers, medical equipment, twisted pair
receivers, and optical systems. The single +5V supply and its
low quiescent current of 50mA make it exceptionally attrac-
tive in multi-channel, low power, high bandwidth designs.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - OPA2846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
OPA2846 TI1-OPA2846 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846ID TI-OPA2846ID Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846ID TI1-OPA2846ID Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
More results

Similar Description - OPA2846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPA4609 TI1-MPA4609_15 Datasheet
566Kb / 23P
[Old version datasheet]   Quad, Differential I/O, 2X1 Multiplexed High Gain Preamp
THS4150CDGN TI-THS4150CDGN Datasheet
1,010Kb / 34P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
Elite Semiconductor Mem...
F59L512M81A ESMT-F59L512M81A Datasheet
1Mb / 40P
   Command/Address/Data Multiplexed I/O Port
logo
Texas Instruments
THS4150 TI-THS4150 Datasheet
563Kb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4151 NSC-THS4151 Datasheet
1Mb / 35P
   HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
logo
NTE Electronics
NTE1135 NTE-NTE1135 Datasheet
20Kb / 2P
   Integrated Circuit High Gain Audio Preamp
logo
Texas Instruments
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com