Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1575DR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1575DR2G
Description  Low Voltage Synchronous Buck Controller with Adjustable Switching Frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1575DR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1575DR2G Datasheet HTML 1Page - ON Semiconductor NCP1575DR2G Datasheet HTML 2Page - ON Semiconductor NCP1575DR2G Datasheet HTML 3Page - ON Semiconductor NCP1575DR2G Datasheet HTML 4Page - ON Semiconductor NCP1575DR2G Datasheet HTML 5Page - ON Semiconductor NCP1575DR2G Datasheet HTML 6Page - ON Semiconductor NCP1575DR2G Datasheet HTML 7Page - ON Semiconductor NCP1575DR2G Datasheet HTML 8Page - ON Semiconductor NCP1575DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCP1575
http://onsemi.com
3
C10
4700 pF
C3*
0.033
mF
R1
15
Figure 3. 12 V Only Applications Diagram, 12 V to 2.5 V Conversion at 6 A
VCC
ROSC
NC
COMP
GND
VFB
GATE(L)
GATE(H)
NCP1575
C11
0.1
mF
R3
Option
open
12 V
2.5 V/
6.0 A
C4
205
D2
BAV99LT1
D1
5.6 V Zener
BZX84C5V6
R7
15
L1
1.0
mH
+
C1
1000
mF/16 V
+
C2
1000
mF/16 V
U1
C9
10000 pF
R5
3.3 k
0.98 V
R6
5.1 k
Q4
NTD30N02
L2
2.4
mH
Q1
NTD30N02
+
C5
1000
mF
+
C6
1000
mF
C8
104
*C3 value is dependent on MOSFET
gate drive current. Incorrect values
may cause poor VCC regulation or
excessive power dissipation in D1.


Similar Part No. - NCP1575DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1575 ONSEMI-NCP1575 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP1575DR2G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com