Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1575DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1575DG
Description  Low Voltage Synchronous Buck Controller with Adjustable Switching Frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1575DG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1575DG Datasheet HTML 1Page - ON Semiconductor NCP1575DG Datasheet HTML 2Page - ON Semiconductor NCP1575DG Datasheet HTML 3Page - ON Semiconductor NCP1575DG Datasheet HTML 4Page - ON Semiconductor NCP1575DG Datasheet HTML 5Page - ON Semiconductor NCP1575DG Datasheet HTML 6Page - ON Semiconductor NCP1575DG Datasheet HTML 7Page - ON Semiconductor NCP1575DG Datasheet HTML 8Page - ON Semiconductor NCP1575DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1575
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (0
°C < TJ < 125°C, 9.0 V < VCC < 20 V, CGATE(H) = CGATE(L) = 3.3 nF,
CCOMP = 0.1 mF, ROSC = 74 kW; unless otherwise specified.) Note 3
Characteristic
Test Conditions
Min
Typ
Max
Unit
GATE(H) and GATE(L)
Rise Time
1.0 V < GATE(L), GATE(H) < VCC − 2.0 V,
VCC = 12 V
40
80
ns
Fall Time
VCC − 2.0 V < GATE(L), GATE(H) < 1.0 V,
VCC = 12 V
40
80
ns
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V, GATE(L) > 2.0 V
40
60
105
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V, GATE(H) > 2.0 V
40
60
105
ns
Minimum Pulse Width
GATE(X) = 4.0 V
250
ns
High Voltage (AC)
Measure GATE(L) or GATE(H)
0.5 nF < CGATE(H) = CGATE(L) < 10 nF, Note 4
VCC
0.5
VCC
V
Low Voltage (AC)
Measure GATE(L) or GATE(H)
0.5 nF < CGATE(H) = CGATE(L) < 10 nF, Note 4
0
0.5
V
GATE(H)/(L) Pull−Down
Resistance to GND. Note 4
20
50
115
k
W
PWM Comparator
PWM Comparator Offset
VFB = 0 V, Increase COMP Until GATE(H)
Starts Switching
0.415
0.465
0.525
V
Ramp Max Duty Cycle
80
%
Artificial Ramp
Duty Cycle = 50%, ROSC = 74 kW
50
63
75
mV
Transient Response
COMP = 1.5 V, VFB 20 mV Overdrive. Note 4
200
300
ns
VFB Input Range
Note 4
0
1.4
V
Oscillator
Switching Frequency
ROSC Not Used
ROSC = 74 kW
170
240
200
280
230
320
kHz
kHz
General Electrical Specifications
VCC Supply Current
COMP = 0 V (No Switching)
9.0
12
mA
Start Threshold
GATE(H) Switching, COMP Charging
8.0
8.5
9.0
V
Stop Threshold
GATE(H) Not Switching, COMP Discharging
7.0
7.5
8.0
V
Hysteresis
Start − Stop
0.75
1.0
1.25
V
3. Characteristics at temperature extremes are guaranteed via correlation using quality statistical control methods.
4. Guaranteed by design. Not tested in production.


Similar Part No. - NCP1575DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1575 ONSEMI-NCP1575 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - NCP1575DG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21212-2 TI1-LM21212-2_14 Datasheet
1Mb / 32P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM21212-2 TI-LM21212-2_15 Datasheet
1Mb / 31P
[Old version datasheet]   12A High Efficiency Synchronous Buck Regulator with Adjustable Switching Frequency
LM20146 TI1-LM20146_15 Datasheet
1Mb / 29P
[Old version datasheet]   Adjustable Frequency Synchronous Buck Regulator
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com