Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M381L6423DTM-LCC Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M381L6423DTM-LCC
Description  184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M381L6423DTM-LCC Datasheet(HTML) 5 Page - Samsung semiconductor

  M381L6423DTM-LCC Datasheet HTML 1Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 2Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 3Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 4Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 5Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 6Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 7Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 8Page - Samsung semiconductor M381L6423DTM-LCC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DDR SDRAM
Rev. 1.2 May. 2003
128MB, 256MB, 512MB Unbuffered DIMM
128MB, 16M x 64 Non ECC Module (M368L1624DTM) (Populated as 1 bank of x16 DDR SDRAM Module)
Functional Block Diagram
A0
Serial PD
A1
A2
SA0
SA1
SA2
SCL
SDA
WP
Notes :
1. DQ-to-I/O wiring is shown as recommended
but may be changed.
2. DQ/DQS/DM/CKE/CS relationships must be
maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 Ohms + 5%.
4. BAx, Ax, RAS, CAS, WE resistors: 7.5 Ohms +
5%
DQ8
DQ9
DQ10
DQ11
LDM
I/O 6
I/O 4
I/O 1
I/O 3
D0
DQ12
DQ13
DQ14
DQ15
I/O 2
I/O 0
I/O 5
I/O 7
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ0
DQ24
DQ25
DQ26
DQ27
LDQS
I/O 6
I/O 4
I/O 1
I/O 3
D1
DQ28
DQ29
DQ30
DQ31
I/O 2
I/O 0
I/O 5
I/O 7
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ56
DQ57
DQ58
DQ59
I/O 6
I/O 4
I/O 1
I/O 3
D3
DQ60
DQ61
DQ62
DQ63
I/O 2
I/O 0
I/O 5
I/O 7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DQ40
DQ41
DQ42
DQ43
I/O 6
I/O 4
I/O 1
I/O 3
D2
DQ44
DQ45
DQ46
DQ47
I/O 2
I/O 0
I/O 5
I/O 7
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DQ32
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DM1
CS
CS
CS
CS
LDQS
DQS1
DM0
DQS0
DM3
DQS3
DM2
DQS2
DM5
DQS5
DM4
DQS4
DM6
DQS6
DM7
DQS7
UDQS
LDM
UDM
UDQS
LDM
UDM
LDQS
UDQS
UDM
UDQS
LDM
LDQS
CS0
VSS
D0 - D3
D0 - D3
VDD/VDDQ
D0 - D3
D0 - D3
VREF
VDDSPD
SPD
*Clock Net Wiring
Card
Edge
Cap
Cap/*Cap/D2
Cap
Cap/D1/D3
Cap
R=120
Cap will replace DRAM3
*If two DRAMs are loaded,
Clock Wiring
CK0/CK0
Clock
Input
SDRAMs
CK1/CK1
NC
2 SDRAMs
2 SDRAMs
CK2/CK2
A0 - A12
A0-A12 : DDR SDRAMs D0 - D3
RAS
RAS : DDR SDRAMs D0 - D3
CAS
CAS : DDR SDRAMs D0 - D3
WE
WE : DDR SDRAMs D0 - D3
CKE0
CKE : DDR SDRAMs D0 - D3
BA0 - BA1
BA0-BA1 : DDR SDRAMs D0 - D3
Cap/D0/*Cap


Similar Part No. - M381L6423DTM-LCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M381L6423ETM-A2 SAMSUNG-M381L6423ETM-A2 Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M381L6423ETM-AA SAMSUNG-M381L6423ETM-AA Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M381L6423ETM-B0 SAMSUNG-M381L6423ETM-B0 Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M381L6423ETM-CB3 SAMSUNG-M381L6423ETM-CB3 Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
M381L6423ETM-CC4 SAMSUNG-M381L6423ETM-CC4 Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
More results

Similar Description - M381L6423DTM-LCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com