Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61519FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M61519FP
Description  4ch Electronic Volume with 5.1ch Analog Input
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61519FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M61519FP Datasheet HTML 1Page - Renesas Technology Corp M61519FP Datasheet HTML 2Page - Renesas Technology Corp M61519FP Datasheet HTML 3Page - Renesas Technology Corp M61519FP Datasheet HTML 4Page - Renesas Technology Corp M61519FP Datasheet HTML 5Page - Renesas Technology Corp M61519FP Datasheet HTML 6Page - Renesas Technology Corp M61519FP Datasheet HTML 7Page - Renesas Technology Corp M61519FP Datasheet HTML 8Page - Renesas Technology Corp M61519FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
M61530FP
Rev.1.0, Sep.19.2003, page 2 of 18
System Block Diagram
L-LPF
R-LPF
FL-LPF
FR-LPF
SL-LPF
SR-LPF
C-LPF
SW-LPF
AGC
0,+5,+10dB
0,+5,+10dB
+6dB
+6dB
+6dB
SLchVOL
SRchVOL
CchVOL
LFEchVOL
0,+6, +9,+12dB
VOL
VOL
LI N
RIN
LOUT
ROUT
SLOUT
SROUT
COUT
SWOUT
FLIN
FRIN
SLIN
SRIN
CIN
LFEIN
SWIN
SL_EXTIN
SR_EXTIN
M61519FP
M 61530FP
Bass
booster
Bass
booster
Tone
Tone
Surround
or
DPL
buffer
Input
selector
Input
selector
Bass booster
Bass booster


Similar Part No. - M61519FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61519FP MITSUBISHI-M61519FP Datasheet
382Kb / 19P
   AUDIO SIGNAL PROCESSOR WITH SURROUND
logo
Renesas Technology Corp
M61519FP RENESAS-M61519FP Datasheet
312Kb / 22P
   Audio Signal Processor with Surround
More results

Similar Description - M61519FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61512FP MITSUBISHI-M61512FP Datasheet
254Kb / 13P
   5.1ch Electronic Volume
logo
Renesas Technology Corp
M61533FP RENESAS-M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Hitachi Semiconductor
REJ03F0059_M61533FP HITACHI-REJ03F0059_M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Rohm
BD3814FV ROHM-BD3814FV Datasheet
39Kb / 3P
   High- performance 5.1ch electronic volume
BD3433K ROHM-BD3433K_10 Datasheet
222Kb / 9P
   6ch Electronic Volume for 5.1ch Car Theater
BD3433K ROHM-BD3433K_15 Datasheet
2Mb / 25P
   6ch Electronic Volume for 5.1ch Car Theater
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62444FP MITSUBISHI-M62444FP Datasheet
110Kb / 11P
   4CH ELECTRIC VOLUME WITH TRIMMER
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com