Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M61530FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M61530FP
Description  4ch Electronic Volume with 5.1ch Analog Input
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61530FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M61530FP Datasheet HTML 2Page - Renesas Technology Corp M61530FP Datasheet HTML 3Page - Renesas Technology Corp M61530FP Datasheet HTML 4Page - Renesas Technology Corp M61530FP Datasheet HTML 5Page - Renesas Technology Corp M61530FP Datasheet HTML 6Page - Renesas Technology Corp M61530FP Datasheet HTML 7Page - Renesas Technology Corp M61530FP Datasheet HTML 8Page - Renesas Technology Corp M61530FP Datasheet HTML 9Page - Renesas Technology Corp M61530FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M61530FP
Rev.1.0, Sep.19.2003, page 6 of 18
Relation between DATA and CLOCK
The data signal is read on the rising edges of the CLOCK signal
D0
D1
D2
D3
D13
D14
D15
Latch condition
CLOCK
DATA
1. Data transmission
The DATA signal is read on the rising edges of the CLOCK signal. The DATA line must always be low
on the falling edge of the CLOCK signal during transmission of the DATA signal.
2. Data Latch
Data for this IC is in 16-bits (D0 to D15) words. Latch the transmitted data by
driving the DATA line high on the falling edge of the CLOCK signal after the transmission of D15.
The DATA line is driven high to latch
D0 to D15 at this time
CLOCK and DATA timing
tWHC
tcr
25%
75%
DATA
CLOCK
(D15) L ATCH signal
tWLC
tf
tr
tHLD tSHD
tHHD
tSLD
tHLD
(D0 to D15)
tSLD


Similar Part No. - M61530FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
logo
Hitachi Semiconductor
M61532FP HITACHI-M61532FP Datasheet
245Kb / 15P
   8ch Electronic Volume with 9 Input Selector
logo
Renesas Technology Corp
M61532FP RENESAS-M61532FP Datasheet
246Kb / 15P
   8ch Electronic Volume with 9 Input Selector
logo
Hitachi Semiconductor
M61533FP HITACHI-M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Renesas Technology Corp
M61533FP RENESAS-M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
More results

Similar Description - M61530FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61512FP MITSUBISHI-M61512FP Datasheet
254Kb / 13P
   5.1ch Electronic Volume
logo
Renesas Technology Corp
M61533FP RENESAS-M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Hitachi Semiconductor
REJ03F0059_M61533FP HITACHI-REJ03F0059_M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
logo
Rohm
BD3814FV ROHM-BD3814FV Datasheet
39Kb / 3P
   High- performance 5.1ch electronic volume
BD3433K ROHM-BD3433K_10 Datasheet
222Kb / 9P
   6ch Electronic Volume for 5.1ch Car Theater
BD3433K ROHM-BD3433K_15 Datasheet
2Mb / 25P
   6ch Electronic Volume for 5.1ch Car Theater
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62444FP MITSUBISHI-M62444FP Datasheet
110Kb / 11P
   4CH ELECTRIC VOLUME WITH TRIMMER
logo
Renesas Technology Corp
M61524FP RENESAS-M61524FP Datasheet
301Kb / 21P
   2ch ELECTRONIC VOLUME WITH 4 INPUT SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com