Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M368L6423DTM-CCC Datasheet(PDF) 11 Page - Samsung semiconductor

Part # M368L6423DTM-CCC
Description  184pin Unbuffered Module based on 256Mb D-die 64/72-bit Non ECC/ECC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M368L6423DTM-CCC Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button M368L6423DTM-CCC Datasheet HTML 7Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 8Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 9Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 10Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 11Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 12Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 13Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 14Page - Samsung semiconductor M368L6423DTM-CCC Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
DDR SDRAM
Rev. 1.2 May. 2003
128MB, 256MB, 512MB Unbuffered DIMM
DDR SDRAM IDD spec table
(VDD=2.7V, T = 10×C)
* Module IDD was calculated on the basis of component IDD and can be differently measured according to DQ loading cap.
Symbol
M368L1624DTM(Non ECC)
M368L3223DTM (Non ECC)
Unit
Notes
CC(DDR400@CL=3)
C4(DDR400@CL=3)
CC(DDR400@CL=3)
C4(DDR400@CL=3)
IDD0
440
420
840
800
mA
IDD1
600
580
1040
1040
mA
IDD2P
16
16
32
32
mA
IDD2F
120
120
240
240
mA
IDD2Q
100
100
200
200
mA
IDD3P
220
220
440
440
mA
IDD3N
300
300
600
600
mA
IDD4R
880
880
1480
1480
mA
IDD4W
1000
1000
1760
1760
mA
IDD5
800
800
1600
1600
mA
IDD6
Normal
12
12
24
24
mA
Low power
6
6
12
12
mA
Option
al
IDD7A
520
1520
2800
2800
mA
(VDD=2.7V, T = 10×C)
Symbol
M381L3223DTM(ECC)
M368L6423DTM(ECC)
Unit
Notes
CC(DDR400@CL=3)
C4(DDR400@CL=3)
CC(DDR400@CL=3)
C4(DDR400@CL=3)
IDD0
950
900
1440
1400
mA
IDD1
1170
1170
1640
1640
mA
IDD2P
4040
6565
mA
IDD2F
270
270
480
480
mA
IDD2Q
230
230
400
400
mA
IDD3P
500
500
880
880
mA
IDD3N
680
680
1200
1200
mA
IDD4R
1670
1670
2080
2080
mA
IDD4W
1980
1980
2360
2360
mA
IDD5
1800
1800
2200
2200
mA
IDD6
Normal
27
27
48
48
mA
Low power
14
14
24
24
mA
Optional
IDD7A
3150
3150
3400
3400
mA


Similar Part No. - M368L6423DTM-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L6423ETM-CC5 SAMSUNG-M368L6423ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M368L6423ETM-CCC4 SAMSUNG-M368L6423ETM-CCC4 Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M368L6423ETM-LC5 SAMSUNG-M368L6423ETM-LC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
M368L6423ETN-A2 SAMSUNG-M368L6423ETN-A2 Datasheet
377Kb / 22P
   DDR SDRAM Unbuffered Module
More results

Similar Description - M368L6423DTM-CCC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M368L3223ETM-CC5 SAMSUNG-M368L3223ETM-CC5 Datasheet
287Kb / 19P
   184pin Unbuffered Module based on 256Mb E-die 64/72-bit ECC/Non ECC
logo
Sanken electric
M368L1624FTM SANKEN-M368L1624FTM Datasheet
445Kb / 25P
   184pin Unbuffered Module based on 256Mb F-die with 64/72-bit Non-ECC / ECC
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
M368L3324BT SAMSUNG-M368L3324BT Datasheet
464Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb B-die with 64/72-bit Non ECC/ECC 66 TSOP-II
M378T3354CZ3 SAMSUNG-M378T3354CZ3 Datasheet
437Kb / 22P
   DDR2 Unbuffered SDRAM MODULE 240pin Unbuffered Module based on 512Mb C-die 64/72-bit Non-ECC/ECC
M366S3354BTS SAMSUNG-M366S3354BTS Datasheet
379Kb / 22P
   SDRAM Unbuffered Module 168pin Unbuffered Module based on 512Mb B-die 62/72-bit Non ECC/ECC
M368L3223CTL SAMSUNG-M368L3223CTL Datasheet
83Kb / 12P
   256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity
M368L3324DUS SAMSUNG-M368L3324DUS Datasheet
463Kb / 25P
   DDR SDRAM Unbuffered Module 184pin Unbuffered Module based on 512Mb D-die with 64/72-bit Non ECC/ECC 66 TSOP-II with Pb-Free (RoHS compliant)
M390S2858ETU SAMSUNG-M390S2858ETU Datasheet
662Kb / 26P
   168pin Registered Module based on 256Mb E-die with 72-bit ECC
M464S0924FTS SAMSUNG-M464S0924FTS Datasheet
221Kb / 15P
   144pin Unbuffered SODIMM based on 128Mb F-die 64-bit Non ECC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com