Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V161610DTC-10I Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY57V161610DTC-10I
Description  2 Banks x 512K x 16 Bit Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V161610DTC-10I Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY57V161610DTC-10I Datasheet HTML 3Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 4Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 5Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 6Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 7Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 8Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 9Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 10Page - Hynix Semiconductor HY57V161610DTC-10I Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HY57V161610D-I
Rev. 0.3/Mar. 02
9
DEVICE OPERATING OPTION TABLE
HY57V161610DTC-55I
HY57V161610DTC-6I
HY57V161610DTC-7I
HY57V161610DTC-10I
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
183MHz
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5ns
2ns
166MHz
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5ns
2ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
166MHz
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5ns
2ns
143MHz
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5ns
2.5ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
143MHz
3CLKs
3CLKs
7CLKs
10CLKs
3CLKs
5.5ns
2.5ns
100MHz
2CLKs
2CLKs
5CLKs
7CLKs
2CLKs
7ns
2.5ns
CAS Latency
tRCD
tRAS
tRC
tRP
tAC
tOH
100MHz
3CLKs
2CLKs
5CLKs
7CLKs
2CLKs
7ns
2.5ns
83MHz
2CLKs
2CLKs
4CLKs
6CLKs
2CLKs
7ns
2.5ns


Similar Part No. - HY57V161610DTC-10I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610DTC-10 HYNIX-HY57V161610DTC-10 Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results

Similar Description - HY57V161610DTC-10I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com