Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1032EA-125LT100 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPLSI1032EA-125LT100
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1032EA-125LT100 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPLSI1032EA-125LT100 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 10Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 11Page - Lattice Semiconductor ISPLSI1032EA-125LT100 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Specifications ispLSI 1032EA
GRP Delay, 32 GLB Loads
tiobp
1. Internal Timing Parameters are not tested and are for reference only.
2. Refer to Timing Model in this data sheet for further details.
3. The XOR adjacent path can only be used by hard macros.
Table 2-0036A/1032EA
Inputs
UNITS
-170
MIN.
MIN.
MAX.
MAX.
DESCRIPTION
#
2
PARAM.
22 I/O Register Bypass
ns
tiolat
23 I/O Latch Delay
ns
tgrp32
33
ns
GLB
t1ptxor
36 1 ProductTerm/XOR Path Delay
ns
t20ptxor 37 20 Product Term/XOR Path Delay
ns
txoradj
38 XOR Adjacent Path Delay
ns
tgbp
39 GLB Register Bypass Delay
ns
tgsu
40 GLB Register Setup Time before Clock
ns
tgh
41 GLB Register Hold Time after Clock
ns
tgco
42 GLB Register Clock to Output Delay
ns
3
tgro
43 GLB Register Reset to Output Delay
ns
tptre
44 GLB Product Term Reset to Register Delay
ns
tptoe
45 GLB Product Term Output Enable to I/O Cell Delay
ns
tptck
46 GLB Product Term Clock Delay
ns
ORP
GRP
t4ptbpc 34 4 ProductTerm Bypass Path Delay (Combinatorial)
ns
t4ptbpr
35 4 Product Term Bypass Path Delay (Registered)
ns
torp
48 ORP Delay
ns
torpbp
49 ORP Bypass Delay
ns
tiosu
24 I/O Register Setup Time before Clock
ns
tioh
25 I/O Register Hold Time after Clock
ns
tioco
26 I/O Register Clock to Out Delay
ns
tior
27 I/O Register Reset to Out Delay
ns
tdin
28 Dedicated Input Delay
ns
tgrp16
32 GRP Delay, 16 GLB Loads
ns
tgrp8
31 GRP Delay, 8 GLB Loads
ns
tgrp4
30 GRP Delay, 4 GLB Loads
ns
tgrp1
29 GRP Delay, 1 GLB Load
ns
-200
0.3
1.0
1.2
3.0
0.0
0.3
4.0
2.9
1.6
1.6
1.6
0.8
1.1
4.2
2.2
2.3
1.4
1.5
2.2
0.6
0.1
4.0
4.0
1.1
2.1
1.7
1.5
1.3
0.3
2.0
1.7
3.0
0.0
0.3
4.0
3.0
2.3
2.2
2.2
1.0
1.4
4.7
2.7
3.6
2.1
2.0
2.7
tgfb
47 GLB Feedback Delay
ns
0.1
0.1
1.0
0.1
4.6
4.6
1.8
2.2
1.8
1.6
1.4
Internal Timing Parameters1


Similar Part No. - ISPLSI1032EA-125LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1032EA-125LT100 LATTICE-ISPLSI1032EA-125LT100 Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1032EA-125LT100

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com