Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY24141-3 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY24141-3
Description  MediaClock Graphics Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY24141-3 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY24141-3 Datasheet HTML 1Page - Cypress Semiconductor CY24141-3 Datasheet HTML 2Page - Cypress Semiconductor CY24141-3 Datasheet HTML 3Page - Cypress Semiconductor CY24141-3 Datasheet HTML 4Page - Cypress Semiconductor CY24141-3 Datasheet HTML 5Page - Cypress Semiconductor CY24141-3 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRELIMINARY
CY24141-3
Document #: 38-07324 Rev. **
Page 4 of 6
Test Circuit
DC
Output Duty Cycle
Duty Cycle is defined in Figure 1, 50% of VDD
45
50
55
%
t3
Rising Edge Slew Rate
Output Clock Rise Time, 20%–80% of VDD/ VDDL = 2.5V
0.8
1.4
V/ns
t4
Falling Edge Slew Rate
Output Clock Fall Time, 80%–20% of VDD/ VDDL = 2.5V
0.8
1.4
V/ns
t5
PLL Lock Time
3ms
AC Electrical Characteristics (VDD = 3.15V–3.6V) (continued)
Parameter[3]
Description
Conditions
Min.
Typ. Max.
Unit
0.1
µF
AVDD
0.1
µF
VDD
CLK out
CLOAD
GND
OUTPUTS
t1
t2
CLK
50%
Figure 1. Duty Cycle Definition; DC = t2/t1
t3
CLK
80%
20%
t4
Figure 2. Rise and Fall Time Definitions
VDD
80%
Stable @ ±0.1% frequency
t5
Figure 3. PLL Lock Time
t9A
t9B
Figure 4. Cycle-Cycle Jitter
t10
t10
...
...
Figure 5. 1000-Cycle Jitter
Ordering Information
Ordering Code
Package Name
Package Type
Operating Range
Operating Voltage
CY24141ZC-3
Z16
16-TSSOP
Commercial
3.3V


Similar Part No. - CY24141-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24142 CYPRESS-CY24142 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24142-01 CYPRESS-CY24142-01 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24142ZC-01 CYPRESS-CY24142ZC-01 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24142ZC-01T CYPRESS-CY24142ZC-01T Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24142ZXC-01 CYPRESS-CY24142ZXC-01 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
More results

Similar Description - CY24141-3

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY24207 CYPRESS-CY24207 Datasheet
46Kb / 6P
   MediaClock PDP Clock Generator
CY24142 CYPRESS-CY24142 Datasheet
129Kb / 7P
   MediaClock Multimedia Clock Generator
CY24204 CYPRESS-CY24204 Datasheet
136Kb / 6P
   MediaClock??DTV, STB Clock Generator
CY24115 CYPRESS-CY24115 Datasheet
120Kb / 5P
   MediaClock??Mini Disc Clock Generator
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
   MediaClock - TM DTV, STB Clock Generator
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
   MediaClock 27-MHz VCXO Clock Generator
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
   DUAL GRAPHICS CLOCK GENERATOR
logo
Cypress Semiconductor
CY24133 CYPRESS-CY24133 Datasheet
61Kb / 5P
   MediaClock Digital TV Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com