Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CS4391A Datasheet(PDF) 3 Page - Cirrus Logic

Part No. CS4391A
Description  24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 3 page
background image
CS4391A
DS600PP3
3
5. PIN DESCRIPTION - PCM DATA MODE ............................................................................... 22
6. PIN DESCRIPTION - DSD MODE .......................................................................................... 26
7. APPLICATIONS ..................................................................................................................... 33
7.1 Recommended Power-up Sequence for Hardware Mode ............................................... 33
7.2 Recommended Power-up Sequence and Access to Control Port Mode ......................... 33
7.3 Analog Output and Filtering ............................................................................................. 33
8. CONTROL PORT INTERFACE .............................................................................................. 34
8.1 SPI Mode ......................................................................................................................... 34
8.2 I2C Mode ......................................................................................................................... 34
9. PARAMETER DEFINITIONS .................................................................................................. 38
10. REFERENCES ...................................................................................................................... 38
11. PACKAGE DIMENSIONS
................................................................................................. 39
LIST OF TABLES
Table 1. Digital Interface Formats - PCM Modes ................................................................................ 27
Table 2. Digital Interface Formats - DSD Mode...................................................................................27
Table 3. De-Emphasis Mode Selection .............................................................................................. 27
Table 4. Functional Mode Selection .................................................................................................... 27
Table 5. Soft Cross or Zero Cross Mode Selection ............................................................................ 27
Table 6. ATAPI Decode ....................................................................................................................... 28
Table 7. Digital Volume Control ........................................................................................................... 28
Table 8. Single Speed (4 to 50 kHz sample rates) Common Clock Frequencies................................ 29
Table 9. Double Speed (50 to 100 kHz sample rates) Common Clock Frequencies ......................... 29
Table 10. Quad Speed (100 to 200 kHz sample rates) Common Clock Frequencies ........................ 29
Table 11. Single Speed (4 to 50 kHz) Digital Interface Format, Stand-Alone Mode Options .............. 29
Table 12. Single Speed Only (4 to 50 kHz) De-Emphasis, Stand-Alone Mode Options ..................... 29
Table 13. Double Speed (50 to 100 kHz) Digital Interface Format, Stand-Alone Mode Options......... 29
Table 14. Quad Speed (100 to 200 kHz) Digital Interface Format, Stand-Alone Mode Options ......... 30
Table 15. Direct Stream Digital (DSD), Stand-Alone Mode Options ................................................... 30
Table 16. Memory Address Pointer (MAP) ..........................................................................................35




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS439224-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS4398120 dB 192 kHz Multi-Bit DAC with Volume Control 1 2 3 4 5 MoreCirrus Logic
WM870624-bit 192kHz Stereo DAC with Volume Control 1 2 3 4 5 MoreWolfson Microelectronics plc
CS434124-Bit 96 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
WM872824-bit 192kHz Stereo DAC with Volume Control and DSD Support 1 2 3 4 5 MoreWolfson Microelectronics plc
LM4921Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
MS633416-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control 1 2 3 4 5 MoreMOSA ELECTRONICS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl