Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CS4391A Datasheet(PDF) 6 Page - Cirrus Logic

Part No. CS4391A
Description  24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 6 page
background image
CS4391A
6
DS600PP3
ANALOG CHARACTERISTICS (Test conditions (unless otherwise specified): Input test signal is a
997 Hz sine wave at 0 dBFS; measurement bandwidth is 10 Hz to 20 kHz; Test load RL = 5 kΩ, CL = 10 pF)
Parameter
VA = 5 V
Symbol
Min
Typ
Max
Unit
Dynamic Performance
Dynamic Range
(Note 1)
unweighted
A-Weighted
40 kHz Bandwidth
A-Weighted
100
103
-
105
108
102
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1,2)
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-94
-85
-45
-89
-
-40
dB
dB
dB
Idle Channel Noise / Signal-to-Noise Ratio
-
108
-
dB
Interchannel Isolation
(1 kHz)
-
100
-
dB
Power Supplies
Power Supply Current
normal operation
power-down state
IA + IL
IA + IL
-
-
17
60
35
-
mA
µA
Power Dissipation
normal operation
power-down
-
-
85
0.3
175
-
mW
mW
Power Supply Rejection Ratio (1 kHz)
(Note 3)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB
Parameter
Symbol
Min
Typ
Max
Units
Analog Output
Full Scale Differential Output Voltage
1.05VA
1.1VA
1.15VA
Vpp
Common Mode Voltage
CMOUT
-
0.43VA
-
VDC
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
AC-Load Resistance
RL
5-
-
k
Load Capacitance
CL
-
-
100
pF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS439224-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS4398120 dB 192 kHz Multi-Bit DAC with Volume Control 1 2 3 4 5 MoreCirrus Logic
WM870624-bit 192kHz Stereo DAC with Volume Control 1 2 3 4 5 MoreWolfson Microelectronics plc
CS434124-Bit 96 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
WM872824-bit 192kHz Stereo DAC with Volume Control and DSD Support 1 2 3 4 5 MoreWolfson Microelectronics plc
LM4921Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control 1 2 3 4 5 MoreNational Semiconductor (TI)
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
MS633416-Bit Stereo Audio DAC Integrated Headphone Driver with Volume Control 1 2 3 4 5 MoreMOSA ELECTRONICS

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl