Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847A Datasheet(PDF) 5 Page - ON Semiconductor

Part # BC847A
Description  General Purpose Transistors(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC847A Datasheet(HTML) 5 Page - ON Semiconductor

  BC847A Datasheet HTML 1Page - ON Semiconductor BC847A Datasheet HTML 2Page - ON Semiconductor BC847A Datasheet HTML 3Page - ON Semiconductor BC847A Datasheet HTML 4Page - ON Semiconductor BC847A Datasheet HTML 5Page - ON Semiconductor BC847A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC846ALT1 Series
http://onsemi.com
5
ORDERING INFORMATION
Device
Marking
Package
Shipping
BC846ALT1
1A
SOT−23
3,000 / Tape & Reel
BC846ALT3
1A
SOT−23
10,000 / Tape & Reel
BC846BLT1
1B
SOT−23
3,000 / Tape & Reel
BC846BLT3
1B
SOT−23
10,000 / Tape & Reel
BC847ALT1
1E
SOT−23
BC847ALT1G
1E
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC847BLT1
1F
SOT−23
3,000 / Tape & Reel
BC847CLT1
1G
SOT−23
BC847CLT1G
1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC847CLT3
1G
SOT−23
BC847CLT3G
1G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
BC848ALT1
1J
SOT−23
3,000 / Tape & Reel
BC848ALT1G
1J
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC848BLT1
1K
SOT−23
3,000 / Tape & Reel
BC848BLT3
1K
SOT−23
10,000 / Tape & Reel
BC848CLT1
1L
SOT−23
BC848CLT1G
1L
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC849BLT1
2B
SOT−23
3,000 / Tape & Reel
BC849BLT3
2B
SOT−23
10,000 / Tape & Reel
BC849CLT1
2C
SOT−23
3,000 / Tape & Reel
BC849CLT1G
2C
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BC850BLT1
2F
SOT−23
3,000 / Tape & Reel
BC850CLT1
2G
SOT−23
BC850CLT1G
2G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.


Similar Part No. - BC847A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847A PHILIPS-BC847A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Guangdong Kexin Industr...
BC847A KEXIN-BC847A Datasheet
1Mb / 3P
   NPN Transistors
logo
Weitron Technology
BC847A WEITRON-BC847A Datasheet
277Kb / 5P
   General Purpose Transistor NPN Silicon
logo
Diotec Semiconductor
BC847A DIOTEC-BC847A Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
Diodes Incorporated
BC847A DIODES-BC847A Datasheet
452Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11108 Rev. 22 - 2
More results

Similar Description - BC847A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com