Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5423IPJYG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS5423IPJYG4
Description  14 Bit, 80 MSPS Analog-to-Digital Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5423IPJYG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5423IPJYG4 Datasheet HTML 3Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 4Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 5Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 6Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 7Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 8Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 9Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 10Page - Texas Instruments ADS5423IPJYG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADS5423
SLWS160 − FEBRUARY 2005
www.ti.com
7
DEFINITION OF SPECIFICATIONS
Analog Bandwidth
The analog input frequency at which the power of the
fundamental is reduced by 3 dB with respect to the low
frequency value.
Aperture Delay
The delay in time between the rising edge of the input
sampling clock and the actual time at which the
sampling occurs.
Aperture Uncertainty (Jitter)
The sample-to-sample variation in aperture delay.
Clock Pulse Width/Duty Cycle
The duty cycle of a clock signal is the ratio of the time
the clock signal remains at a logic high (clock pulse
width) to the period of the clock signal. Duty cycle is
typically expressed as a percentage. A perfect
differential sine wave clock results in a 50% duty cycle.
Maximum Conversion Rate
The maximum sampling rate at which certified
operation is given. All parametric testing is performed
at this sampling rate unless otherwise noted.
Minimum Conversion Rate
The minimum sampling rate at which the ADC
functions.
Differential Nonlinearity (DNL)
An ideal ADC exhibits code transitions at analog input
values spaced exactly 1 LSB apart. The DNL is the
deviation of any single step from this ideal value,
measured in units of LSB.
Integral Nonlinearity (INL)
The INL is the deviation of the ADC’s transfer function
from a best fit line determined by a least squares curve
fit of that transfer function, measured in units of LSB.
Gain Error
The gain error is the deviation of the ADC’s actual input
full-scale range from its ideal value. The gain error is
given as a percentage of the ideal input full-scale range.
Offset Error
The offset error is the difference, given in number of
LSBs, between the ADC’s actual value average idle
channel output code and the ideal average idle channel
output code. This quantity is often mapped into mV.
PSRR
The maximum change in offset voltage divided by the
total change in supply voltage, in units of mV/V.
Temperature Drift
The temperature drift coefficient (with respect to gain
error and offset error) specifies the change per degree
celcius of the paramter from TMIN or TMAX. It is
computed as the maximum variation of that parameter
over the whole temperature range divided by TMAX
TMIN.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the power of the fundamental (PS)
to the noise floor power (PN), excluding the power at dc
and the first five harmonics.
SNR + 10Log10
P
S
PN
SNR is either given in units of dBc (dB to carrier) when
the absolute power of the fundamental is used as the
reference or dBFS (dB to full scale) when the power of
the fundamental is extrapolated to the converter’s
full-scale range.
Signal-to-Noise and Distortion (SINAD)
SINAD is the ratio of the power of the fundamental (PS)
to the power of all the other spectral components
including noise (PN) and distortion (PD), but excluding
dc.
SINAD + 10Log10
P
S
PN ) PD
SINAD is either given in units of dBc (dB to carrier) when
the absolute power of the fundamental is used as the
reference or dBFS (dB to full scale) when the power of
the fundamental is extrapolated to the converter’s
full-scale range.
Total Harmonic Distortion (THD)
THD is the ratio of the fundamental power (PS) to the
power of the first five harmonics (PD).
THD + 10Log10
P
S
PD
THD is typically given in units of dBc (dB to carrier).
Power Up Time
The difference in time from the point where the supplies
are stable at ±5% of the final value, to the time the ac
test is past.


Similar Part No. - ADS5423IPJYG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5423IPJYG4 TI1-ADS5423IPJYG4 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5423IPJYG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5542IPAP TI1-ADS5542IPAP Datasheet
612Kb / 33P
[Old version datasheet]   14-Bit, 80 MSPS Analog-To-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com