Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PMT5922BT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1PMT5922BT3
Description  3.2 Watt Plastic Surface Mount POWERMITE Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1PMT5922BT3 Datasheet(HTML) 4 Page - ON Semiconductor

  1PMT5922BT3 Datasheet HTML 1Page - ON Semiconductor 1PMT5922BT3 Datasheet HTML 2Page - ON Semiconductor 1PMT5922BT3 Datasheet HTML 3Page - ON Semiconductor 1PMT5922BT3 Datasheet HTML 4Page - ON Semiconductor 1PMT5922BT3 Datasheet HTML 5Page - ON Semiconductor 1PMT5922BT3 Datasheet HTML 6Page - ON Semiconductor 1PMT5922BT3 Datasheet HTML 7Page - ON Semiconductor 1PMT5922BT3 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1PMT5920B Series
http://onsemi.com
4
Figure 7. Effect of Zener Current
IZ, ZENER TEST CURRENT (mA)
1 k
500
200
100
50
20
10
5
2
1
0.5
1
2
5
10
20
50
100 200
500
TJ = 25°C
iZ(rms) = 0.1 IZ(dc)
22 V
12 V
6.8 V
10,000
1000
100
10
110
VZ, REVERSE ZENER VOLTAGE (VOLTS)
MEASURED @ 50% VR
MEASURED @ 0 V BIAS
Figure 8. Capacitance versus Reverse
Zener Voltage
100


Similar Part No. - 1PMT5922BT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1PMT5922BT3 MOTOROLA-1PMT5922BT3 Datasheet
138Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 2.5 WATTS 3.3.91 VOLTS
logo
ON Semiconductor
1PMT5922BT3 ONSEMI-1PMT5922BT3 Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
1PMT5922BT3G ONSEMI-1PMT5922BT3G Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
More results

Similar Description - 1PMT5922BT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1PMT5920B ONSEMI-1PMT5920B_05 Datasheet
62Kb / 6P
   3.2 Watt Plastic Surface Mount POWERMITE Package
July, 2005 ??Rev. 3
logo
SIRENZA MICRODEVICES
SLD-1026Z SIRENZA-SLD-1026Z Datasheet
822Kb / 21P
   3 Watt Discrete LDMOS Device Plastic Surface Mount Package
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0286 AVAGO-MSA-0286 Datasheet
68Kb / 4P
   Surface Mount Plastic Package
logo
ON Semiconductor
1PMT50AT1 ONSEMI-1PMT50AT1 Datasheet
57Kb / 6P
   Zener Transient Voltage Suppressor POWERMITE Package
April, 2004 ??Rev. 7
logo
API Delevan
PDB-C154SMF API-PDB-C154SMF Datasheet
100Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
List of Unclassifed Man...
PDV-C173SM ETC2-PDV-C173SM Datasheet
143Kb / 1P
   Photodiode in Plastic Surface Mount Package
logo
Luna Innovations Incorp...
PDB-C154SM LUNA-PDB-C154SM Datasheet
186Kb / 2P
   Photodiode in Plastic Surface Mount Package
logo
Continental Device Indi...
SOT-23 CDIL-SOT-23 Datasheet
220Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
Advanced Photonix, Inc.
PDB-C150SM ADVANCEDPHOTONIX-PDB-C150SM Datasheet
142Kb / 1P
   Photodiode in Plastic Surface Mount Package
PDB-C152SM ADVANCEDPHOTONIX-PDB-C152SM Datasheet
128Kb / 1P
   Photodiode in Plastic Surface Mount Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com