Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSPEMI608 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CSPEMI608
Description  LCD EMI Filter Array with ESD Protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPEMI608 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CSPEMI608 Datasheet HTML 1Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 2Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 3Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 4Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 5Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 6Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 7Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 8Page - California Micro Devices Corp CSPEMI608 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214 L Fax: 408.263.7846 L www.calmicro.com 10/10/03
CSPEMI606/608
PRELIMINARY
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Note 2: Lead-free devices are specified by using a "
+" character for the top side orientation mark.
FILTER5
FILTER6
GND
FILTER5
FILTER6
A6
A5
Orientation
Marking
B3
C6
C5
FILTER7
FILTER8
GND
FILTER7
FILTER8
A8
A7
B4
C8
C7
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
EMI608
4
3
26
7
8
5
1
C
B
A
Orientation
Marking
(see note 2)
FILTER5
FILTER6
GND
FILTER5
FILTER6
A6
A5
Orientation
Marking
B3
C6
C5
FILTER3
FILTER4
GND
FILTER3
FILTER4
A4
A3
B2
C4
C3
FILTER1
FILTER2
GND
FILTER1
FILTER2
A2
A1
B1
C2
C1
A1
606
4
3
26
5
1
C
B
A
Orientation
Marking
(see note 2)
PACKAGE / PINOUT DIAGRAMS
Notes:
BOTTOM VIEW
CSPEMI606 CSP Package
(Bumps Up View)
TOP VIEW
(Bumps Down View)
CSPEMI608 CSP Package
1) These drawings are not to scale.
2) Lead-free devices are specified by using a "+" character for the top side orientation mark.
PIN DESCRIPTIONS
CSPEMI606
CSPEMI608
NAME
DESCRIPTION
CSPEMI606
CSPEMI608
NAME
DESCRIPTION
PIN(s)
PIN(s)
NAME
DESCRIPTION
PIN(s)
PIN(s)
NAME
DESCRIPTION
A1
A1
FILTER1
Filter Channel 1
C1
C1
FILTER1
Filter Channel 1
A2
A2
FILTER2
Filter Channel 2
C2
C2
FILTER2
Filter Channel 2
A3
A3
FILTER3
Filter Channel 3
C3
C3
FILTER3
Filter Channel 3
A4
A4
FILTER4
Filter Channel 4
C4
C4
FILTER4
Filter Channel 4
A5
A5
FILTER5
Filter Channel 5
C5
C5
FILTER5
Filter Channel 5
A6
A6
FILTER6
Filter Channel 6
C6
C6
FILTER6
Filter Channel 6
-
A7
FILTER7
Filter Channel 7
-
C7
FILTER7
Filter Channel 7
-
A8
FILTER8
Filter Channel 8
-
C8
FILTER8
Filter Channel 8
B1-B3
B1-B4
GND
Device Ground
PART NUMBERING INFORMATION
Bumps
Package
Standard Finish
Lead-free Finish2
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
15
CSP
CSPEMI606
606
CSPEMI606G
606
20
CSP
CSPEMI608
EMI608
CSPEMI608G
EMI608


Similar Part No. - CSPEMI608

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
More results

Similar Description - CSPEMI608

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
   LCD EMI Filter Array with ESD Protection
CM1420 CALMIRCO-CM1420 Datasheet
638Kb / 12P
   LCD EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
   LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
   LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
logo
California Micro Device...
CM1451 CALMIRCO-CM1451 Datasheet
483Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1450 CALMIRCO-CM1450 Datasheet
333Kb / 8P
   LCD & Camera EMI Filter Array with ESD Protection
CM1452 CALMIRCO-CM1452 Datasheet
170Kb / 6P
   LCD & Camera EMI Filter Array with ESD Protection
CM1409 CALMIRCO-CM1409 Datasheet
223Kb / 7P
   LCD and Camera EMI Filter Array with ESD Protection
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com