Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC858CWT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC858CWT1
Description  General Purpose Transistors(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC858CWT1 Datasheet(HTML) 3 Page - ON Semiconductor

  BC858CWT1 Datasheet HTML 1Page - ON Semiconductor BC858CWT1 Datasheet HTML 2Page - ON Semiconductor BC858CWT1 Datasheet HTML 3Page - ON Semiconductor BC858CWT1 Datasheet HTML 4Page - ON Semiconductor BC858CWT1 Datasheet HTML 5Page - ON Semiconductor BC858CWT1 Datasheet HTML 6Page - ON Semiconductor BC858CWT1 Datasheet HTML 7Page - ON Semiconductor BC858CWT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC856AWT1,BWT1 BC857AWT1,BWT1 BC858AWT1,BWT1,CWT1
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
BC857/BC858
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
–0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–0.6
–0.7
–0.8
–0.9
–1.0
–0.5
0
–0.2
–0.4
–0.1
–0.3
1.6
1.2
2.0
2.8
2.4
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
1.5
1.0
0.7
0.5
0.3
–0.2
–10
–100
–1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE = –10 V
TA = 25°C
–55
°C to +125°C
IC = –100 mA
IC = –20 mA
–0.5 –1.0
–2.0
–5.0 –10
–20
–50
–100 –200
–0.1 –0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
IC = –200 mA
IC = –50 mA
IC =
–10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
–0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
–0.5
TA = 25°C
Cob
Cib
–0.6
–1.0
–2.0
–4.0 –6.0
–10
–20 –30 –40
150
–1.0
–2.0 –3.0
–5.0
–10
–20
–30
–50
VCE = –10 V
TA = 25°C
TA = 25°C
1.0


Similar Part No. - BC858CWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC858CWT1 MOTOROLA-BC858CWT1	 Datasheet
251Kb / 8P
   CASE 419-02, STYLE 3 SOT-323/SC-70
logo
Leshan Radio Company
BC858CWT1 LRC-BC858CWT1 Datasheet
217Kb / 5P
   General Purpose Transistors(PNP Silicon)
More results

Similar Description - BC858CWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com