Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9827H Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # C9827H
Description  High Performance Pentium 4 Clock Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9827H Datasheet(HTML) 2 Page - Cypress Semiconductor

  C9827H Datasheet HTML 1Page - Cypress Semiconductor C9827H Datasheet HTML 2Page - Cypress Semiconductor C9827H Datasheet HTML 3Page - Cypress Semiconductor C9827H Datasheet HTML 4Page - Cypress Semiconductor C9827H Datasheet HTML 5Page - Cypress Semiconductor C9827H Datasheet HTML 6Page - Cypress Semiconductor C9827H Datasheet HTML 7Page - Cypress Semiconductor C9827H Datasheet HTML 8Page - Cypress Semiconductor C9827H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
C9827H
High Performance Pentium® 4 Clock Synthesizer
Cypress Semiconductor Corporation
http://www.cypress.com
Document#: 38-07106 Rev. *A
12/26/2002
Page 2 of 25
Approved Product
Pin Description
PIN
NAME
PWR
I/O
Description
2
XIN
I
Oscillator Buffer Input. Connect to a crystal or to an external clock.
3
XOUT
VDD
O
Oscillator Buffer Output. Connect to a crystal. Do not connect when an
external clock is applied at XIN.
52, 51, 49,
48, 45, 44
CPU, CPU/
(0:2)
VDD
O
Differential host output clock pairs. See the frequency table on page
one of this data sheet for frequencies and functionality.
10, 11, 12,
13, 16, 17, 18
PCI(0:6)
VDDP
O
PCI Clock Outputs. Are synchronous to 66IN or 3V66 clock. See
Frequency Table on page one of this data sheet.
5, 6, 7
PCIF (0:2)
VDD
O
33Mhz PCI clocks, which are
÷2 copies of 66IN or 3V66 clocks, may be
free running (not stopped when PCI_STP# is asserted low) or may be
stoppable depending on the programming of SMBus register Byte3,
Bits (3:5).
56
REF
VDD
O
Buffered Output copy of the device’s XIN clock.
42
IREF
VDD
I
Current reference programming input for CPU buffers. A resistor is
connected between this pin and VSSIREF. See CPU Clock current
Select Table in page 18 of this data sheet.
28
VTT_PG#
VDD
I
Qualifying input that latches S (0:2) and MULT0. When this input is at a
logic low, the S (0:2) and MULT0 are latched
39
48MUSB
VDD48
O
Fixed 48MHz USB Clock Outputs.
38
48MDOT
VDD48
O
Fixed 48MHZ DOT Clock Outputs.
33
3V66_0
VDD
O
3.3 Volt 66 MHz fixed frequency clock.
35
3V66_1/VCH
VDD
O
3.3 volt clock selectable with SMBus byte0, Bit5, when Byte5, Bit5.
When Byte 0 Bit 5 is at a logic 1, then this pin is a 48M output clock.
When byte0, Bit5 is a logic 0, then this is a 66M output clock (default).
25
PD#
VDD
I
PU
This pin is a power down mode pin. A logic low level causes the device
to enter a power down state. All internal logic is turned off except for the
SMBus logic. All output buffers are stopped. See the Power Down
section of this data sheet.
43
MULT0
I
PU
Programming input selection for CPU clock current multiplier. See CPU
Clock Current Select Function Table.
55, 54
S(0,1)
I
I
Frequency Select Inputs. See Frequency Table on page 1.
29
SDATA
I
I
Serial Data Input. Conforms to the SMBus specification of a Slave
Receive/Transmit device. It is an input when receiving data. It is an
open drain output when acknowledging or transmitting data. See
application note AN-0022
30
SCLK
I
I
Serial Clock Input. Conforms to the SMBus specification. See
application note AN-0022.
40
S2
VDD
I
T
Frequency Select input. See Frequency Table on page 1. This is a Tri
level input that is driven high, low or driven to a intermediate level.
34
PCI_STP#
VDD
I
PU
PCI Clock Disable Input. When asserted low, PCI (0:6) clocks are
synchronously disabled in a low state. This pin does not effect PCIF
(0:2) clocks’ outputs if they are programmed to be PCIF clocks via the
device’s SMBus interface.


Similar Part No. - C9827H

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
C982 PERKINELMER-C982 Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
C982P PERKINELMER-C982P Datasheet
859Kb / 11P
   CHANNEL PHOTO MULTIPLIER
More results

Similar Description - C9827H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28342 CYPRESS-CY28342 Datasheet
178Kb / 22P
   High-performance SiS645/650 Pentium 4 Clock Synthesizer
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Device Techn...
IDT74FCT3907 IDT-IDT74FCT3907 Datasheet
104Kb / 7P
   3.3V PENTIUM??CLOCK SYNTHESIZER
logo
Cypress Semiconductor
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
   High Performance Pentium짰 4 Clock Synthesizer
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com