Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW30LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BCW30LT1
Description  General Purpose Transistors(PNP Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCW30LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BCW30LT1 Datasheet HTML 1Page - ON Semiconductor BCW30LT1 Datasheet HTML 2Page - ON Semiconductor BCW30LT1 Datasheet HTML 3Page - ON Semiconductor BCW30LT1 Datasheet HTML 4Page - ON Semiconductor BCW30LT1 Datasheet HTML 5Page - ON Semiconductor BCW30LT1 Datasheet HTML 6Page - ON Semiconductor BCW30LT1 Datasheet HTML 7Page - ON Semiconductor BCW30LT1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
November, 1999 – Rev. 0
1
Publication Order Number:
BCW30LT1/D
BCW30LT1
General Purpose
Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
–32
Vdc
Collector-Base Voltage
VCBO
–32
Vdc
Emitter-Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Total Device Dissipation
FR-5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction to Ambient
R
θJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to
+150
°C
(1) FR– 5 = 1.0
 0.75  0.062 in.
(2) Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Device
Package
Shipping
ORDERING INFORMATION
BCW30LT1
SOT–23
http://onsemi.com
SOT–23 (TO–236AB)
CASE 318
STYLE 6
3000 Units/Rail
DEVICE MARKING
C2x
x = Monthly Date Code
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER


Similar Part No. - BCW30LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCW30LT1 MOTOROLA-BCW30LT1 Datasheet
451Kb / 8P
   General Purpose Transistors
logo
Leshan Radio Company
BCW30LT1 LRC-BCW30LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
BCW30LT1D ONSEMI-BCW30LT1D Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
BCW30LT1G ONSEMI-BCW30LT1G Datasheet
245Kb / 7P
   General Purpose Transistors
August, 2009 ??Rev. 2
More results

Similar Description - BCW30LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com