Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C152JA Datasheet(PDF) 8 Page - Intel Corporation

Part # 80C152JA
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C152JA Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80C152JA Datasheet HTML 4Page - Intel Corporation 80C152JA Datasheet HTML 5Page - Intel Corporation 80C152JA Datasheet HTML 6Page - Intel Corporation 80C152JA Datasheet HTML 7Page - Intel Corporation 80C152JA Datasheet HTML 8Page - Intel Corporation 80C152JA Datasheet HTML 9Page - Intel Corporation 80C152JA Datasheet HTML 10Page - Intel Corporation 80C152JA Datasheet HTML 11Page - Intel Corporation 80C152JA Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8XC152JAJBJCJD
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Voltage on Any pin to VSS
b
05V to (VCC a 05V)
Voltage on VCC to VSS
b
05V to a65V
Power Dissipation
10W(9)
NOTICE This data sheet contains preliminary infor-
mation on new products in production The specifica-
tions are subject to change without notice Verify with
your local Intel Sales office that you have the latest
data sheet before finalizing a design
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS (TA e 0 Cto a70 C VCC e 5V g10% VSS e 0V)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 3)
VIL
Input Low Voltage
b
05
02VCCb01
V
(All Except EA EBEN)
VIL1
Input Low Voltage
b
05
02VCCb03
V
(EA EBEN)
VIH
Input High Voltage
02VCCa09
VCCa05
V
(Except XTAL1 RST)
VIH1
Input High Voltage
07VCC
VCCa05
V
(XTAL1 RST)
VOL
Output Low Voltage
045
V
IOL e 16 mA
(Ports 1 2 3 4 5 6)
(Note 4)
VOL1
Output Low Voltage
045
V
IOL e 32 mA
(Port 0 ALE PSEN EPSEN)
(Note 4)
VOH
Output High Voltage
24
V
IOH eb60 mA
(Ports 1 2 3 4 5 6 COMM9
VCC e 5V g10%
ALE PSEN EPSEN)
09VCC
VIOH eb10 mA
VOH1
Output High Voltage
24
V
IOH eb400 mA
(Port 0 in External
VCC e 5V g10%
Bus Mode)
09VCC
VIOH eb40 mA (Note 5)
IIL
Logical 0 Input
b
50
m
AVIN e 045V
Current (Ports 1 2 3 4 5 6)
ITL
Logical 1 to 0
b
650
m
AVIN e 2V
Transition Current
(Ports 1 2 3 4 5 6)
ILI
Input Leakage
g
10
m
A
045kVINkVCC
(Port 0 EA)
RRST
Reset Pullup Resistor
40
kX
IIH
Logical 1 Input Current (EBEN)
a
60
m
A
ICC
Power Supply Current
Active (165 MHz)
31
411
mA (Note 6)
Idle (165 MHz)
8
154
mA (Note 6)
Power Down Mode
10
m
AVCC e 20V to 55V
8


Similar Part No. - 80C152JA

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
80C15 TEKTRONIX-80C15 Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
logo
Intel Corporation
80C151SB INTEL-80C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
TEMIC Semiconductors
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - 80C152JA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
   UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
   UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller with USB-host Controller
July, 2013 ver.1.02
logo
NXP Semiconductors
P8XC591 PHILIPS-P8XC591 Datasheet
601Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
P8XC591 NXP-P8XC591 Datasheet
610Kb / 160P
   Single-chip 8-bit microcontroller with CAN controller
2000 Jul 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com