Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP5313CG1N Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # VP5313CG1N
Description  NTSC/PAL Digital Video Encoder
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VP5313CG1N Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  VP5313CG1N Datasheet HTML 1Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 2Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 3Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 4Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 5Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 6Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 7Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 8Page - Zarlink Semiconductor Inc VP5313CG1N Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
VP5313/VP5513
3
Pins
All pins
All pins
Notes
Meets Mil-Std-883 Class 2
Test Levels
2kV on 100pF through 1k5
200V on 200pF through 0
Ω & 500nH
Test
Human body model
Machine model
Luminance bandwidth
Chrominance bandwidth (Extended B/w mode)
Chrominance bandwidth (Reduced B/w mode)
Burst frequency (NTSC)
Burst frequency (PAL-B, D,G,H,I)
Burst frequency (PAL-N Argentina)
Burst cycles (NTSC and PAL-N)
Burst cycles ( PAL-B, D, G, H,I)
Burst envelope rise / fall time (NTSC )
Burst envelope rise / fall time (PAL-B, D, G, H, I, N)
Analog video sync rise / fall time (NTSC)
Analog video sync rise / fall time (PAL-B, D, G, H,I)
Analog video blank rise / fall time (NTSC )
Analog video blank rise / fall time (PAL-B, D, G, H,I)
Differential gain
Differential phase
Signal to noise ratio (unmodulated ramp)
Chroma AM signal to noise ratio (100% red field)
Chroma PM signal to noise ratio (100% red field)
Hue accuracy
Colour saturation accuracy
Residual sub carrier
Luminance / chrominance delay
VIDEO CHARACTERISTICS (NTSC, PAL COMPOSITE VIDEO)
Parameter
1
1
-61
-56
-58
2.5
2.5
10
Max.
Symbol
Min.
Typ.
5.5
1.3
650
3.57954545
4.43361875
3.58205625
9
10
300
300
145
245
145
245
-60
5
MHz
MHz
kHz
MHz
MHz
MHz
Fsc cycles
Fsc cycles
ns
ns
ns
ns
ns
ns
% pk-pk
° pk-pk
dB
dB
dB
%
%
dB
ns
Units
ESD COMPLIANCE
19.98
1.337
33.75
17.63
1.40
7.61
7.61
0.40
18.70
8.01
8.01
0.00
DC CHARACTERISTICS DACs
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Parameter
Symbol
Min.
Typ.
Max.
Units
RGB outputs:
Peak level
Black level
CVBS1, 2 Y and C outputs - NTSC (pedestal enabled)
Maximum output, relative to sync bottom
White level relative to black level
Black level relative to blank level
Blank level relative to sync level
Colour burst peak - peak
DC offset (bottom of sync)
CVBS1, 2, Y and C outputs - PAL
White level relative to black level
Black level relative to sync level
Colour burst peak - peak
DC offset (bottom of sync)
All figures are for: RREF = 730
Ω; if RL = 75Ω then RREF = 1460Ω


Similar Part No. - VP5313CG1N

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313A MITEL-VP5313A Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313ACG MITEL-VP5313ACG Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313ACGGP1N MITEL-VP5313ACGGP1N Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - VP5313CG1N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com