Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC895199K Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC895199K
Description  32 CD-ROM Decoder with ATAPI (IDE) Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC895199K Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC895199K Datasheet HTML 1Page - Sanyo Semicon Device LC895199K Datasheet HTML 2Page - Sanyo Semicon Device LC895199K Datasheet HTML 3Page - Sanyo Semicon Device LC895199K Datasheet HTML 4Page - Sanyo Semicon Device LC895199K Datasheet HTML 5Page - Sanyo Semicon Device LC895199K Datasheet HTML 6Page - Sanyo Semicon Device LC895199K Datasheet HTML 7Page - Sanyo Semicon Device LC895199K Datasheet HTML 8Page - Sanyo Semicon Device LC895199K Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ordering number : ENN6238
21000TH (OT)/30899TH (OT) No. 6238-1/12
Overview
The LC895199K is a CD-ROM decoder IC that provides
subcode read functions and an ATAPI interface integrated
on the same chip.
Functions
• CD-ROM ECC function
• Subcode read function
• ATA-PI (IDE) I/F (register block, etc.)
• CAV audio function
Features
• Built-in ATAPI (IDE) I/F
•32
× speed supported:
Using EDO-DRAM (
×16, 50 ns)
16.6 Mbytes/s (with IORDY)
Operating frequency: 33.8688 MHz
•32
× speed supported:
Using EDO-DRAM (
×16, 45 ns)
16.6 Mbytes/s (without IORDY)
Operating frequency: 33.8688 MHz
•24
× speed supported:
Using EDO-DRAM (
×16, 50 ns)
16.6 Mbytes/s (without IORDY)
Operating frequency: 33.8688 MHz
• 1 Mbits to 4 Mbits of buffer RAM connectable in case
of DRAM
• CD main channel, C2 flag, and subcode areas in buffer
RAM can be freely set by user
• Built-in batch transfer function (function for sending CD
main channel, C2 flag, subcode, etc. at one time)
• Built-in multi-block transfer function (function for
automatically sending several blocks at one time)
• Built-in CAV audio function
• Built-in intelligent functions (auto buffering, auto
decoding, CD-R support, etc.)
• Built-in subcode P to W buffering function (NO-ECC)
and CD-TEXT support
• Package: SQFP-144
Package Dimensions
unit: mm
3214-SQFP144
LC895199K
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
32
× CD-ROM Decoder with ATAPI (IDE) Interface
CMOS IC
0.20
22.0
20.0
0.5
1.25
1.25
0.145
0.1
1.4
0.5
0.5
136
37
72
73
108
109
144
SANYO: SQFP144
[LC895199K]
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - LC895199K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895196 SANYO-LC895196 Datasheet
146Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895196K SANYO-LC895196K Datasheet
144Kb / 12P
   ATA-PI Compatible CD-ROM Decoder IC
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
More results

Similar Description - LC895199K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895198 SANYO-LC895198 Datasheet
54Kb / 10P
   CD-ROM Decoder for 32 x ATAPI (IDE) Drives
logo
Winbond
W88113C WINBOND-W88113C Datasheet
573Kb / 47P
   ATAPI CD-ROM DECODER & CONTROLLER
W88111AF WINBOND-W88111AF Datasheet
466Kb / 64P
   ATAPI CD-ROM DECODER & CONTROLLER
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Sony Corporation
CXD1812Q SONY-CXD1812Q Datasheet
450Kb / 56P
   ATAPI I/F CD-ROM DECODER
logo
Sanyo Semicon Device
LC895299W SANYO-LC895299W Datasheet
73Kb / 12P
   48 x Speed ATAPI (IDE) CD-ROM Decoder with On-Chip Digital Servo System
LC895195 SANYO-LC895195 Datasheet
64Kb / 8P
   ATA-PI (IDE) CD-ROM Decoder LSI
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895297 SANYO-LC895297 Datasheet
71Kb / 9P
   Full CAV 20 x CD-ROM Decoder with Built-in ATA-PI (IDE) Interface and CD-DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com