Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP5313A1N Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # VP5313A1N
Description  NTSC/PAL Digital Video Encoder
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VP5313A1N Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button VP5313A1N Datasheet HTML 5Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 6Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 7Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 8Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 9Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 10Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 11Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 12Page - Zarlink Semiconductor Inc VP5313A1N Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
VP5313/VP5513
8
RSTCTL
Reset Data Control
TSURST
Soft reset control
0
Normal operation
1
Chip soft reset
SC_ADJ
Sub Carrier Adjust
SC7-0
Sub carrier frequency seed value.
FREQ2-0
Sub carrier frequency
FR17-00
24 bit Sub carrier frequency programmed via
I2C bus. FREQ3 is the MSB.
SCHPHM-L
Sub carrier phase offset
SCH8-0
9 bit Sub carrier phase relative to the 50%
point of the leading edge of the horizontal
part of composite sync. SCHPHM bit 0 is the
MSB.
HSOFFL-M
Horizontal Sync Output Offset
HSOFF9-0
This is a 10 bit number which allows the user
to offset the start of digital data input with
reference to the pulse HS.
SLAVE1-2
H & V Slave Mode Control
NCORSTD
NCO line reset disable
NCO is always reset at end of 4(8)
field sequence in NTSC(PAL) regardless
of the value of this control bit
0
NCO is reset every line in NTSC mode
1
NCO line reset is disabled
VBITDIS
Ignore REC656 V-bit select
0
REC656 V-bit will be decoded and the
line blanked accordingly
1
REC656 V-bit will be ignored
VSMODE
Select type of Vsync input
0
Standard Vsync I/P
1
Field even/odd Vsync I/P
F_SWAP
Invert field detect decision
0
Standard relationship applies
1
Inverted relationship applies
SL_HS(1:0)
Internal Hsync delay control
00
No internal delay
01
1 x 27MHz cycle delay
10
2 x 27MHz cycle delay
11
3 x 27MHz cycle delay
TSLAVE2
HCNT(9:0) - Internal H counter is reset to this
value on falling edge of Hsync input.
TSTPAT
Test Pattern Register
TTX_PAT
Teletext test pattern enable
0
Normal operation
1
Teletext test pattern enabled
RAMPEN
Modulated test ramp enable
0
Normal operation
1
Modulated test ramp enabled
TTXLO2-0
Teletext Odd Line Enable
L6-22
1 = Teletext Enabled on that line number
TTXLE2-0
Teletext Even Line Enable
L318-335
1 = Teletext Enabled on that line number
TTXDD7-0
Teletext Request Pulse Position
TTXCTL
Teletext Control
TTXEN
Teletext enable
0
Teletext disabled
1
Teletext enabled
CCREG1
Closed Caption register 1
F1W1D6-0
Field one (line 21), first data byte
CCREG2
Closed Caption register 2
F1W2D6-0
Field one (line 21), second data byte
CCREG3
Closed Caption register 3
F2W2D6-0
Field two (line 284), first data byte
CCREG4
Closed Caption register 4
F2W2D6-0
Field two (line 284), second data byte
CCCTL
Closed Caption control register
F1ST
Field one (line 21) status bit
0
New data has been loaded to CCREG1-2
1
Data has been encoded
F2ST
Field one (line 284) status bit
0
New data has been loaded to CCREG3-4
1
Data has been encoded
F1EN
Closed Caption field one (line 21)
0
Disabled
1
Enabled
F2EN
Closed Caption field one (line 284)
0
Disabled
1
Enabled


Similar Part No. - VP5313A1N

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
VP5313A MITEL-VP5313A Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313ACG MITEL-VP5313ACG Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313ACGGP1N MITEL-VP5313ACGGP1N Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - VP5313A1N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com