Electronic Components Datasheet Search |
|
TSC87251G2D-16CB Datasheet(PDF) 10 Page - TEMIC Semiconductors |
|
TSC87251G2D-16CB Datasheet(HTML) 10 Page - TEMIC Semiconductors |
10 / 63 page 10 Rev. A - May 7, 1999 TSC80251G2D 6.2 Data Memory The TSC80251G2D derivatives implement 1 Kbyte of on-chip data RAM. Figure 6 shows the split of the internal and external data memory spaces. This memory is mapped in the data space just over the 32 bytes of registers area (see TSC80251 Programmers’ Guide). Hence, the part of the on-chip RAM located from 20h to FFh is bit addressable. This on-chip RAM is not accessible through the program/code memory space. For faster computation with the on-chip ROM/EPROM code of the TSC83251G2D/TSC87251G2D, its upper 16 Kbytes are also mapped in the upper part of the region 00: if the On-Chip Code Memory Map configuration bit is cleared (EMAP# bit in UCONFIG1 byte, see Figure 8). However, if EA# is tied to a low level, the TSC80251G2D derivative is running as a ROMless product and the code is actually fetched in the corresponding external memory (i.e. the upper 16 Kbytes of the lower 32 Kbytes of the segment FF:). If EMAP# bit is set, the on-chip ROM is not accessible through the region 00:. All the accesses to the portion of the data space with no on-chip memory mapped onto are redirected to the external memory. Figure 6. Data Memory Mapping 6.3 Special Function Registers The Special Function Registers (SFRs) of the TSC80251G2D derivatives fall into the categories detailed in Table 3 to Table 11. SFRs are placed in a reserved on-chip memory region S: which is not represented in the data memory mapping (Figure 6). The relative addresses within S: of these SFRs are provided together with their reset values in Table 12. They are upward compatible with the SFRs of the standard 80C51 and the Intel’s 80C251Sx family. In this table, the C251 core registers are identified by Note 1 and are described in the TSC80251 Programmer’s Guide. The other SFRs are described in the TSC80251G1D Design Guide. All the SFRs are bit-addressable using the C251 instruction set. On-chip ROM/EPROM Code Memory Data Segments Data External Memory Space 16 Kbytes EA#= 0 EA#= 1 32 Kbytes 32 Kbytes Reserved 64 Kbytes ≈47 Kbytes FF:FFFFh FF:8000h FF:7FFFh FF:0000h FE:FFFFh FE:0000h FD:FFFFh 01:FFFFh 01:0000h 02:0000h 00:FFFFh 00:0420h 32 bytes reg. RAM Data 1 Kbyte 16 Kbytes 00:C000h 00:BFFFh EMAP#= 1 EMAP#= 0 16 Kbytes 64 Kbytes |
Similar Part No. - TSC87251G2D-16CB |
|
Similar Description - TSC87251G2D-16CB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |