Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC80251G2D-L16CED Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # TSC80251G2D-L16CED
Description  8/16-bit Microcontroller with Serial Communication Interfaces
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80251G2D-L16CED Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button TSC80251G2D-L16CED Datasheet HTML 6Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 7Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 8Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 9Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 10Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 11Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 12Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 13Page - TEMIC Semiconductors TSC80251G2D-L16CED Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
10
Rev. A - May 7, 1999
TSC80251G2D
6.2 Data Memory
The TSC80251G2D derivatives implement 1 Kbyte of on-chip data RAM. Figure 6 shows the split of the internal
and external data memory spaces. This memory is mapped in the data space just over the 32 bytes of registers
area (see TSC80251 Programmers’ Guide). Hence, the part of the on-chip RAM located from 20h to FFh is bit
addressable. This on-chip RAM is not accessible through the program/code memory space.
For faster computation with the on-chip ROM/EPROM code of the TSC83251G2D/TSC87251G2D, its upper 16
Kbytes are also mapped in the upper part of the region 00: if the On-Chip Code Memory Map configuration bit
is cleared (EMAP# bit in UCONFIG1 byte, see Figure 8). However, if EA# is tied to a low level, the TSC80251G2D
derivative is running as a ROMless product and the code is actually fetched in the corresponding external memory
(i.e. the upper 16 Kbytes of the lower 32 Kbytes of the segment FF:). If EMAP# bit is set, the on-chip ROM is
not accessible through the region 00:.
All the accesses to the portion of the data space with no on-chip memory mapped onto are redirected to the external
memory.
Figure 6. Data Memory Mapping
6.3 Special Function Registers
The Special Function Registers (SFRs) of the TSC80251G2D derivatives fall into the categories detailed in Table 3
to Table 11.
SFRs are placed in a reserved on-chip memory region S: which is not represented in the data memory mapping
(Figure 6). The relative addresses within S: of these SFRs are provided together with their reset values in Table 12.
They are upward compatible with the SFRs of the standard 80C51 and the Intel’s 80C251Sx family. In this table,
the C251 core registers are identified by Note 1 and are described in the TSC80251 Programmer’s Guide. The
other SFRs are described in the TSC80251G1D Design Guide. All the SFRs are bit-addressable using the C251
instruction set.
On-chip ROM/EPROM
Code Memory
Data Segments
Data External
Memory Space
16 Kbytes
EA#= 0
EA#= 1
32 Kbytes
32 Kbytes
Reserved
64 Kbytes
≈47 Kbytes
FF:FFFFh
FF:8000h
FF:7FFFh
FF:0000h
FE:FFFFh
FE:0000h
FD:FFFFh
01:FFFFh
01:0000h
02:0000h
00:FFFFh
00:0420h
32 bytes reg.
RAM Data
1 Kbyte
16 Kbytes
00:C000h
00:BFFFh
EMAP#= 1
EMAP#= 0
16 Kbytes
64 Kbytes


Similar Part No. - TSC80251G2D-L16CED

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D-L16CE ATMEL-TSC80251G2D-L16CE Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
TSC80251G2D-L16CE ATMEL-TSC80251G2D-L16CE Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
More results

Similar Description - TSC80251G2D-L16CED

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D_06 Datasheet
1Mb / 77P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com