Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEEFK1H100P Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EEEFK1H100P
Description  ALUMINUM ELEECTROLYTIC CAPACITORS/FK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1H100P Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EEEFK1H100P Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1H100P Datasheet HTML 2Page - Panasonic Semiconductor EEEFK1H100P Datasheet HTML 3Page - Panasonic Semiconductor EEEFK1H100P Datasheet HTML 4Page - Panasonic Semiconductor EEEFK1H100P Datasheet HTML 5Page - Panasonic Semiconductor EEEFK1H100P Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part Number Prefix Suffix
Size
RoHS Terminal Finish Materials
ECEV• • • R
R
3
φ to 5φ
No
Sn-Pb
Peak Temp.: 240deg.C(within 5s),within 20s(time in
200deg.C or more)
Fig.1
6
φ
• • • Peak Temp.: 240deg.C(within
5s),within 20s(time in 200deg.C or more)
Fig.1
8 and 10
φ • • • Peak Temp.: 230deg.C(within
5s),within 20s(time in 200deg.C or more)
Fig.2
EEV• • • R
R
4
φ and 5φ
No
Sn-Pb
Peak Temp.: 240deg.C(within 5s),within 20s(time in
200deg.C or more)
Fig.1
6
φ
• • • Peak Temp.: 240deg.C(within
5s),within 20s(time in 200deg.C or more)
Fig.1
8 and 10
φ • • • Peak Temp.: 230deg.C(within
5s),within 20s(time in 200deg.C or more)
Fig.2
EEV• • • Q
Q
12.5
φ
OK
Sn
Fig.2
(Except for EB
series)
EEV• • • M
M
16
φ and 18φ
OK
Sn
Fig.3 (EB
series only)
EEE • • R
R
3
φ to 5φ
OK
Sn-Bi
Peak Temp.: 250deg.C(within 5s),within 60s(time in
200deg.C or more)
Fig. 4
6
φ
• • • Peak Temp.: 250deg.C(within
5s),within 60s(time in 200deg.C or more)
Fig. 4
8 and 10
φ • • • Peak Temp.: 235deg.C(within
5s),within
60s(time in 200deg.C or more)
Fig. 5
(1)
(2)
(3)
(4)
(5)
Peak Temp.: 230deg.C(within 5s),within 20s(time in
200deg.C or more)
Reflow Condition
P
6
φ to 10φ
OK
Sn-Bi
Sn-Pb
P
6
φ to 10φ
No
EEE• • • P
EEE
Sn-Pb
P
EEV• • • P
6
φ to 10φ
No
EEV
ECEV• • • P
ECEV
Fig. 1
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 2
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 3
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 4
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s
Fig. 5
200
210
220
230
240
250
260
0
10
20
30
40
50
60
70
Time in 200deg.C or more / s


Similar Part No. - EEEFK1H100P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1H100P PANASONIC-EEEFK1H100P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1H100P PANASONIC-EEEFK1H100P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1H100P PANASONIC-EEEFK1H100P Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1H100P PANASONIC-EEEFK1H100P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEEFK1H100P PANASONIC-EEEFK1H100P Datasheet
105Kb / 4P
   Surface Mount Type
More results

Similar Description - EEEFK1H100P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UVR1A331MEA ETC1-UVR1A331MEA Datasheet
65Kb / 2P
   ALUMINUM ELEECTROLYTIC CAPACITORS
logo
Panasonic Semiconductor
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E101XP PANASONIC-EEE-FK1E101XP Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEV-FK1J221Q PANASONIC-EEV-FK1J221Q Datasheet
105Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
   Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com