Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC7584-XXTF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AMC7584-XXTF
Description  7A LOW DROPOUT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC7584-XXTF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC7584-XXTF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC7584-XXTF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC7584-XXTF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC7584-XXTF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC7584-XXTF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC7584-XXTF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC7584-XXTF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AMC DOC. #: AMC7584_E (LF)
Feb 2005
AMC7584
Copyright
© 2002, ADD Microtech Corp.
5
www.addmtek.com
7A LOW DROPOUT REGULATOR
APPLICATION INFORMATION:
Thermal Consideration
Maximum Power Calculation:
TJ(MAX) – TA(MAX)
PD(MAX)=
θ
JA
TJ(
OC): Maximum recommended junction temperature
TA(
OC): Ambient temperature of the application
θ
JA(
OC/W): Junction-to-junction temperature thermal resistance of the package, and other heat dissipating
materials.
The maximum power dissipation of a single-output regulator :
PD(MAX) = [(VIN(MAX) - VOUT(NOM))] × IOUT(NOM) + VIN(MAX) × IQ
Where: VOUT(NOM) = the nominal output voltage
IOUT(NOM) = the nominal output current, and
IQ = the quiescent current the regulator consumes at IOUT(MAX)
VIN(MAX) = the maximum input voltage
Then
θ
JA = (150
OC – TA) / PD
Thermal consideration:
When power consumption is over about 1.2W( at 70oC ambient temperature), additional heat sink is required to control the
junction temperature below 125 OC.
The junction temperature is: Tj = PD JT + θCS + θSA ) + TA
PD:Dissipated power.
θJT :Thermal resistance from the junction to the mounting tab of the package.
θCS:  Thermal resistance through the interface between the IC and the surface on which it is mounted. (typically,
θCS < 1.0°C / W)
θSA:Thermal resistance from the mounting surface to ambient (thermal resistance of the heat sink).
If PC Board copper is going to be used as a heat sink, below table can be used to determine the appropriate size of
copper foil required. For multi-layered PCB, these layers can also be used as a heat sink. They can be connected with
several through hole vias.
PCB
θSA (°C / W )
59
45
38
33
27
24
21
PCB heat sink size (mm2) 500
1000
1500
2000
3000
4000
5000
Recommended figure of PCB area used as a heat sink.
through hole vias
(Bottom View)
(Top View)


Similar Part No. - AMC7584-XXTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDD ETC1-AMC7580-ADJDD Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJDDF ETC1-AMC7580-ADJDDF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJP ETC1-AMC7580-ADJP Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7580-ADJPF ETC1-AMC7580-ADJPF Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7584-XXTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Microsemi Corporation
LX8584X-XX MICROSEMI-LX8584X-XX Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
148Kb / 5P
   7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com