Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1024A230CS Datasheet(PDF) 2 Page - Littelfuse

Part # SL1024A230CS
Description  Gas Plasma Arresters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A230CS Datasheet(HTML) 2 Page - Littelfuse

  SL1024A230CS Datasheet HTML 1Page - Littelfuse SL1024A230CS Datasheet HTML 2Page - Littelfuse SL1024A230CS Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
342
www .littelfuse .com
Gas Discharge Tubes
Greentube™ SL1024A Series Gas Plasma Arresters
Omega Range
DC
Voltage(V)
90
145
150
230
250
260
300
350
400
420
450
500
600
DC
Breakover
Voltage
Min-Max7 @
100V/sec
(V)
70-120
116-174
120-180
184-276
200-300
210-310
240-360
280-420
320-480
345-500
360-540
400-500
480-720
Max
Dynamic
Breakover
Voltage @
100/µs
(V)
600
500
500
350
400
420
450
500
600
650
650
700
850
Alternating
Discharge
Current1,3
(A)
10
10
10
10
10
10
10
10
10
10
10
10
10
Max Single
Impulse
Discharge
Current
10/350µs5,2
(kA)
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Max
Single
Impulse
Discharge
Current
(kA)
20
20
20
20
20
20
20
20
20
20
20
20
20
Max
Repetitive
Impulse
Discharge
Current
(kA)
10
10
10
10
10
10
10
10
10
10
10
10
10
(1) Total current through center (ground) electrode, both line electrodes pulsed simultaneously; half value through
each respective line terminal.
(2) Applies to ‘C’ option devices mounted in a suitable connector with high pressure contacts.
(3) 10 shots, A.C. 60Hz, 1 sec duration.
(4) 10 shots, 8/20µS waveform
(5) either end (line) electrode to center (ground) electrode
(6) Meets the requirements of BT Type 14A. Addition of ‘F’ (failsafe) option meets the requirements of BT type
number 14A/1.
LITTELFUSE 3 TERMINAL ARRESTER SERIES
TOTALLY NON-RADIOACTIVE, UL RECOGNIZED
Part Number
SL1024A090
SL1024A145
SL1024A150
SL1024A230
SL1024A250
SL1024A260
SL1024A300
SL1024A350
SL1024A400
SL1024A420
SL1024A450
SL1024A500
SL1024A600
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs Time Characteristic
50
45
40
35
30
25
20
15
10
5
0
0
1
2
3
4
5
6
Current
(A)
1 line to ground
both lines to ground
Time vs. Current for Failsafe
®
Pb
RoHS


Similar Part No. - SL1024A230CS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A230 LITTELFUSE-SL1024A230 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1024A230 LITTELFUSE-SL1024A230 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A230 LITTELFUSE-SL1024A230 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A230 LITTELFUSE-SL1024A230 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1024A230 LITTELFUSE-SL1024A230 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1024A230CS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com