Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VP1058FCGDGAS Datasheet(PDF) 5 Page - Zarlink Semiconductor Inc

Part # VP1058FCGDGAS
Description  8-BIT, 25MHz, VIDEO FLASH ADC (SINGLE 5V SUPPLY)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

VP1058FCGDGAS Datasheet(HTML) 5 Page - Zarlink Semiconductor Inc

  VP1058FCGDGAS Datasheet HTML 1Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 2Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 3Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 4Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 5Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 6Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 7Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 8Page - Zarlink Semiconductor Inc VP1058FCGDGAS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
VP1058
V
RT > VRB
A
IN at FS & 1.019MHz
Clock min.high
Clock min.low
Max. conversion rate
Aperture delay
Output data delay
Output hold time
Aperture Jitter
Dynamic Performance
Differential non-linearity
Integral non-linearity
S/N ratio
Effective No. of bits
Characteristic
Symbol
Temp Test level
Min.
Typ.
Max.
Value.
t
PW1
t
PW0
f
MAX
t
AD
t
D
t
HO
DNL
INL
SNR
ENOB
Full
Full
Full
25
25
Full
25
Full
25
25
25
25
Full
25
Full
25
Full
25
4
4
4
5
4
4
4
4
5
1
1
1
4
4
4
4
4
1
4
4
15
15
25
5
5
-0.85
3
50
±0.5
±1
45
44.5
44.0
43.5
43.5
43.0
7.2
7.1
7.0
25
30
+1
±2
ns
ns
MHz
ns
ns
ns
ns
ns
ps
LSB
LSB
dB
dB
dB
dB
dB
dB
bits
bits
bits
A
IN at FS & 12.5MHz
With standard
LSTLL load
f
CLK = 25MHz
A
IN = 1.019MHz
A
IN = 1.019MHz
A
IN = 2.438MHz
A
IN = 2.438MHz
A
IN = 4.388MHz
A
IN = 4.388MHz
A
IN = 1.019MHz
A
IN = 2.438MHz
A
IN = 4.388MHz
AC CHARACTERISTICS
Conditions
Units
AV
CC/DVCC
I
CC
P
A
IN
I
IN
f
3dB
C
IN
R
D
V
RT
V
RB
V
RTO
V
RBO
R
TC
V
IH
V
IL
I
IH
I
IH
I
IL
V
OH
V
OL
DNL
INL
Power Supply
Supply voltage
Supply current
Power dissipation
Analog Input
Input range
Input bias current
3dB bandwidth
Input capacitance
Reference Ladder
Ladder resistance
Ladder voltage (top)
Ladder voltage (bottom)
Ladder offset (top)
Ladder offset (bottom)
Ladder temp. coeff.
Digital Inputs
Logic '1' voltage
Logic '0' voltage
Logic '1' current
Logic '1' current
Logic '0' current
Digital Outputs
Logic '1' voltage
Logic '0' voltage
Static performance
Differential non-linearity
Integral non-linearity
Full
Full
25
Full
25
Full
Full
25
25
Full
25
Full
Full
25
25
Full
Full
Full
Full
Full
Full
Full
25
Full
25
Full
25
Full
25
4
4
1
4
1
4
4
4
4
4
1
4
4
5
5
5
4
4
4
4
4
4
1
4
1
4
4
4
4
4.75
95
105
500
540
V
RB
60
50
75
2.5
2.0
2.4
2.4
125
125
670
670
150
60
30
90
100
5.0
3.0
15
5
0.33
±0.5
±0.5
±0.5
±0.5
5.25
165
150
900
830
V
RT
500
145
125
AV
CC + 0.1
0.8
350
75
-150
0.4
0.4
V
mA
mA
mW
mW
V
µA
MHz
pF
V
V
mV
mV
Ω/°C
V
V
µA
µA
µA
V
V
V
V
LSB
LSB
LSB
LSB
AGND/DGND = 0V
V
I = VCC = MAX
V
I = 2.4V, VCC = MAX
V
I = 0.4V, VCC = MAX
Into a standard
LSTTL load
Characteristic
Symbol
Temp Test level
Min.
Typ.
Max.
Value.
Conditions
Units
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions conditions (unless otherwise stated):
V
CC = +5V ± 0.25V, Tamb = 25°C
DC CHARACTERISTICS


Similar Part No. - VP1058FCGDGAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VP1008 ETC-VP1008 Datasheet
104Kb / 3P
   P-Channel Enhancement-Mode D-MOS POWER FETs
VP1008B ETC2-VP1008B Datasheet
91Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
logo
New Jersey Semi-Conduct...
VP1008B NJSEMI-VP1008B Datasheet
93Kb / 2P
   P-Channel Enhancement-Mode MOSFET Transistors
logo
Seme LAB
VP1008CSM4 SEME-LAB-VP1008CSM4 Datasheet
17Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
VP1008CSM4 SEME-LAB-VP1008CSM4 Datasheet
151Kb / 3P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - VP1058FCGDGAS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1201 MAXIM-MAX1201 Datasheet
187Kb / 16P
   5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc
19-4776; Rev 1; 11/98
logo
Motorola, Inc
MC44250 MOTOROLA-MC44250 Datasheet
1Mb / 17P
   Triple 8-Bit Video ADC
logo
Zarlink Semiconductor I...
SP94308 ZARLINK-SP94308 Datasheet
467Kb / 7P
   8-BIT VIDEO SYSTEM ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
   5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1205 MAXIM-MAX1205 Datasheet
127Kb / 12P
   5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc
19-4794; Rev 0; 11/98
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
logo
Analog Devices
EVAL-AD7856CB AD-EVAL-AD7856CB Datasheet
1,022Kb / 12P
   Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC
REV. 0
logo
Maxim Integrated Produc...
MAX1125 MAXIM-MAX1125 Datasheet
114Kb / 12P
   8-Bit, 300Msps Flash ADC
19-1100; Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com