Electronic Components Datasheet Search |
|
SL1024A500CF Datasheet(PDF) 1 Page - Littelfuse |
|
SL1024A500CF Datasheet(HTML) 1 Page - Littelfuse |
1 / 3 page 341 www .littelfuse .com 8 Gas Discharge Tubes Greentube™ SL1024A Series Gas Plasma Arresters Omega Rage ORDERING INFORMATION 3 ELECTRODE GDT a=TIP b=RING e=GROUND (centre electrode) GRAPHICAL SYMBOL a b e 1024 A SL Voltage Pin Configuration Failsafe Optio F=Plastic S=Solder n C=Core R=Leaded ø8.0+ _0.2 ø1.0+ _0.2 The SL1024A series offers high levels of current handling on fast rising transients created by induced Lightning disturbances. These devices are extremely robust and are able to divert pulses of 10,000A. The SL1024A also features ultra low capacitance (typically 1pf or less) making them ideal for the protection of high-speed transmission equipment. FEATURES • RoHS compliant except ‘RS’ suffix • Low insertion loss • Excellent response to fast rising transients. • Ultra low capacitance. • 10KA surge capability tested with 8/20µs pulse as defined by IEC 61000-4-5 • Available with thermal failsafe option (add ‘F’ or ‘S’ suffix to part number) Applications: • Broadband equipment. • ADSL equipment. • XDSL equipment. • Satellite and CATV equipment. • Splitters • General telecom equipment. Mechanical Specifications: Weight: 2.7g (0.095 oz.) Materials: Electrode Base: Nickel Iron Alloy Electrode Plating: Bright Sn Body: Ceramic Device Marking: Littelfuse ‘LF’ marking, Voltage and date code. Red. ® Pb RoHS SL1024A xxxC SL1024A xxxR SL1024A xxxRF SL1024A xxxRS |
Similar Part No. - SL1024A500CF |
|
Similar Description - SL1024A500CF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |