Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1024A500CF Datasheet(PDF) 3 Page - Littelfuse

Part # SL1024A500CF
Description  Gas Plasma Arresters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A500CF Datasheet(HTML) 3 Page - Littelfuse

  SL1024A500CF Datasheet HTML 1Page - Littelfuse SL1024A500CF Datasheet HTML 2Page - Littelfuse SL1024A500CF Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
343
www .littelfuse .com
8
Gas Discharge Tubes
Omega Range
Greentube™ SL1024A Series Gas Plasma Arresters
®
0
0
25
50
75
100
125
150
175
200
225
250
50
100
150
200
250
300
350
400
450
500
Time in seconds
Profilefor reflow soldering
Solder
T 1 max = 266
oC
Flow Area
T 1 = 239
oC
200
300
Tm = 179
oC
ForcedCooling
Preheating
Area
100
10
20
30
40
Time(seconds)
Profile for wave soldering
Notes:
T1 max
= MaximumTabTemperature = 266
oC
T1
= FlowTempeartureof Solder = 239
oC
Tm
= Melting Point of Solder = 179
oC
Tamb
= 25
oC
1. Maximum permissible rate of temperature change = 7
oC / sec
2. Not for RF style devices
Pb
RoHS


Similar Part No. - SL1024A500CF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A500 LITTELFUSE-SL1024A500 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1024A500 LITTELFUSE-SL1024A500 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A500 LITTELFUSE-SL1024A500 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A500 LITTELFUSE-SL1024A500 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1024A500 LITTELFUSE-SL1024A500 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1024A500CF

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com