Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F1018DW Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F1018DW
Description  18-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F1018DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74F1018DW Datasheet HTML 1Page - Texas Instruments SN74F1018DW Datasheet HTML 2Page - Texas Instruments SN74F1018DW Datasheet HTML 3Page - Texas Instruments SN74F1018DW Datasheet HTML 4Page - Texas Instruments SN74F1018DW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN74F1018
18-BIT SCHOTTKY BARRIER DIODE
R-C BUS-TERMINATION ARRAY
SDFS094 – NOVEMBER 1992 – REVISED DECEMBER 1993
2–3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Large negative transients occurring at the inputs of memory devices (DRAMs, SRAMs, EPROMs, etc.) or on the
CLOCK lines of many clocked devices can result in improper operation of the devices. The SN74F1018 diode
termination array helps suppress negative transients caused by transmission line reflections, crosstalk, and switching
noise.
Diode terminations have several advantages when compared to resistor termination schemes. Split resistor or
Thevenin equivalent termination can cause a substantial increase in power consumption. The use of a single resistor
to ground to terminate a line usually results in degradation of the output high level, resulting in reduced noise immunity.
Series damping resistors placed on the outputs of the driver will reduce negative transients, but they can also increase
propagation delays down the line, as a series resistor reduces the output drive capability of the driving device. Diode
terminations have none of these drawbacks.
The operation of the diode arrays in reducing negative transients is explained in Figure 1. The diode conducts current
whenever the voltage reaches a negative value large enough for the diode to turn on. Suppression of negative
transients is tracked by the current-voltage characteristic curve for that diode. A typical current voltage for the
SN74F1018 is shown in Figure 1.
The maximum effectiveness of the diode arrays in suppressing negative transients occurs when they are placed at
the end of a line and/or the end of a long stub branching off a main transmission line. The diodes can also be used
to reduce the negative transients that occur due to discontinuities in the middle of a line. An example of this is a slot
in a backplane that is provided for an add-on card.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VF – Forward Voltage – V
TA = 25°C
Variable 1:
VIN
– Ch1
Linear Sweep:
Start
0.000 V
Stop
– 2.000 V
Step
– 0.010 V
Constants:
VHI
–Vs1
3.5000 V
VLO –Vs2
0.0000 V
– 100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
DIODE FORWARD CURRENT
vs
DIODE FORWARD VOLTAGE
Figure 1


Similar Part No. - SN74F1018DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016 TI-SN74F1016 Datasheet
84Kb / 5P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1016DW TI-SN74F1016DW Datasheet
84Kb / 5P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1016DW TI1-SN74F1016DW Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1016DWE4 TI-SN74F1016DWE4 Datasheet
84Kb / 5P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74F1016DWG4 TI-SN74F1016DWG4 Datasheet
84Kb / 5P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
More results

Similar Description - SN74F1018DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F1016 TI1-SN74F1016_V01 Datasheet
14Mb / 292P
[Old version datasheet]   16-Bit Schottky Barrier Diode R-C Bus-Termination Array
SN74F1016 TI-SN74F1016 Datasheet
84Kb / 5P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE R-C BUS-TERMINATION ARRAY
SN74S1053NSR TI1-SN74S1053NSR Datasheet
993Kb / 18P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI-SN74S1053 Datasheet
91Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI1-SN74F1056_15 Datasheet
344Kb / 11P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1053 TI1-SN74S1053_V01 Datasheet
1Mb / 24P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
REVISED AUGUST 1997
SN74S1050 TI-SN74S1050 Datasheet
246Kb / 7P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1051 TI-SN74S1051 Datasheet
342Kb / 13P
[Old version datasheet]   12-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74S1052 TI-SN74S1052 Datasheet
247Kb / 7P
[Old version datasheet]   16-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
SN74F1056 TI-SN74F1056 Datasheet
75Kb / 5P
[Old version datasheet]   8-BIT SCHOTTKY BARRIER DIODE BUS-TERMINATION ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com