Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M4V64S20ATP-8L Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # M5M4V64S20ATP-8L
Description  64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V64S20ATP-8L Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

Back Button M5M4V64S20ATP-8L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M5M4V64S20ATP-8L Datasheet HTML 11Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
MITSUBISHI LSIs
MITSUBISHI ELECTRIC
M5M4V64S20ATP-8A,-8L,-8, -10L, -10
SDRAM (Rev.1.3)
64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
Mar98
FUNCTION TRUTH TABLE(continued)
Current State
/CS
/RAS
/CAS
/WE
Address
Command
Action
WRITE
H
X
X
X
X
DESEL
NOP (Continue Burst to END)
L
H
H
H
X
NOP
NOP (Continue Burst to END)
L
H
H
L
BA
TBST
Terminate Burst
L
H
L
H
BA, CA, A10
READ / READA
Terminate Burst, Latch CA,
Begin Read, Determine Auto-
Precharge*3
L
H
L
L
BA, CA, A10
WRITE /
WRITEA
Terminate Burst, Latch CA,
Begin Write, Determine Auto-
Precharge*3
L
L
H
H
BA, RA
ACT
Bank Active / ILLEGAL*2
L
L
H
L
BA, A10
PRE / PREA
Terminate Burst, Precharge
L
L
L
H
X
REFA
ILLEGAL
L
L
L
L
Op-Code,
Mode-Add
MRS
ILLEGAL
READ with
AUTO
PRECHARGE
H
X
X
X
X
DESEL
NOP (Continue Burst to END)
L
H
H
H
X
NOP
NOP (Continue Burst to END)
L
H
H
L
BA
TBST
ILLEGAL
L
H
L
H
BA, CA, A10
READ / READA ILLEGAL
L
H
L
L
BA, CA, A10
WRITE /
WRITEA
ILLEGAL
L
L
H
H
BA, RA
ACT
Bank Active / ILLEGAL*2
L
L
H
L
BA, A10
PRE / PREA
ILLEGAL*2
L
L
L
H
X
REFA
ILLEGAL
L
L
L
L
Op-Code,
Mode-Add
MRS
ILLEGAL
WRITE with
AUTO
PRECHARGE
H
X
X
X
X
DESEL
NOP (Continue Burst to END)
L
H
H
H
X
NOP
NOP (Continue Burst to END)
L
H
H
L
BA
TBST
ILLEGAL
L
H
L
H
BA, CA, A10
READ / READA ILLEGAL
L
H
L
L
BA, CA, A10
WRITE /
WRITEA
ILLEGAL
L
L
H
H
BA, RA
ACT
Bank Active / ILLEGAL*2
L
L
H
L
BA, A10
PRE / PREA
ILLEGAL*2
L
L
L
H
X
REFA
ILLEGAL
L
L
L
L
Op-Code,
Mode-Add
MRS
ILLEGAL
7


Similar Part No. - M5M4V64S20ATP-8L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
More results

Similar Description - M5M4V64S20ATP-8L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V64S20ATP-8 MITSUBISHI-M5M4V64S20ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 4194304-WORD x 4-BIT) Synchronous DRAM
M5M4V64S30ATP-8A MITSUBISHI-M5M4V64S30ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
M5M4V64S40ATP-8A MITSUBISHI-M5M4V64S40ATP-8A Datasheet
1Mb / 51P
   64M (4-BANK x 1048576-WORD x 16-BIT) Synchronous DRAM
M5M4V64S30ATP-8 MITSUBISHI-M5M4V64S30ATP-8 Datasheet
1Mb / 48P
   64M (4-BANK x 2097152-WORD x 8-BIT) Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C64M4SA-7TCN ALSC-AS4C64M4SA-7TCN Datasheet
1Mb / 55P
   64M x 4 bit Synchronous DRAM (SDRAM)
logo
NEC
UPD4564323 NEC-UPD4564323 Datasheet
1Mb / 84P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
Elpida Memory
UPD4564163 ELPIDA-UPD4564163 Datasheet
919Kb / 85P
   64M-bit Synchronous DRAM 4-bank, LVTTL
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
logo
List of Unclassifed Man...
GLT5160L16 ETC-GLT5160L16 Datasheet
399Kb / 45P
   16M (2-Bank x 524288-Word x 16-Bit) Synchronous DRAM
logo
Mitsubishi Electric Sem...
M5M4V4S40CTP-12 MITSUBISHI-M5M4V4S40CTP-12 Datasheet
1Mb / 45P
   4M (2-BANK x 131072-WORD x 16-BIT) Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com