Electronic Components Datasheet Search |
|
STTH5R06G Datasheet(PDF) 7 Page - STMicroelectronics |
|
STTH5R06G Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 9 page STTH5R06 7/9 Figure 18: TO-220FPAC Package Mechanical Data Figure 19: TO-220AC Package Mechanical Data H L3 L2 L4 L6 G G1 F F1 D E L7 A B Dia L5 A C D E M L7 H2 Ø I L5 L6 L9 L4 G F1 F L2 REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.4 4.6 0.173 0.181 B 2.5 2.7 0.098 0.106 D 2.5 2.75 0.098 0.108 E 0.45 0.70 0.017 0.027 F 0.75 1 0.030 0.039 F1 1.15 1.70 0.045 0.067 F2 1.15 1.70 0.045 0.067 G 4.95 5.20 0.195 0.204 G1 2.40 2.70 0.094 0.106 H 10 10.4 0.393 0.409 L2 16 Typ. 0.63 Typ. L3 28.6 30.6 1.126 1.204 L4 9.8 10.6 0.385 0.417 L6 15.9 16.4 0.626 0.645 L7 9.00 9.30 0.354 0.366 Dia. 3 3.20 0.118 0.126 REF. DIMENSIONS Millimeters Inches Min. Max. Min. Max. A 4.40 4.60 0.173 0.181 C 1.23 1.32 0.048 0.051 D 2.40 2.72 0.094 0.107 E 0.49 0.70 0.019 0.027 F 0.61 0.88 0.024 0.034 F1 1.14 1.70 0.044 0.066 G 4.95 5.15 0.194 0.202 H2 10.00 10.40 0.393 0.409 L2 16.40 typ. 0.645 typ. L4 13.00 14.00 0.511 0.551 L5 2.65 2.95 0.104 0.116 L6 15.25 15.75 0.600 0.620 L7 6.20 6.60 0.244 0.259 L9 3.50 3.93 0.137 0.154 M 2.6 typ. 0.102 typ. Diam. I 3.75 3.85 0.147 0.151 |
Similar Part No. - STTH5R06G |
|
Similar Description - STTH5R06G |