Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDM-6505-T06 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HEDM-6505-T06
Description  Large Diameter (56 mm), Housed Two and Three Channel Optical Enco
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDM-6505-T06 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HEDM-6505-T06 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HEDM-6505-T06 Datasheet HTML 15Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
4
3
LOCATE ENCODER BASEPLATE
CHOOSE CENTERING CYLINDER OR UNDERSIDE LOCATING PINS.
CENTERING CYLINDER: LOCATE ENCODER BASEPLATE WITH
CENTERING CYLINDER. WHEN IN PLACE, TIGHTEN MOUNTING SCREWS.
LOCATING PINS: WITH LOCATING PINS PROPERLY SEATED IN
CORRESPONDING RECEIVING HOLES IN ENCODER BASEPLATE,
TIGHTEN MOUNTING SCREWS.
LOCATE ENCODER MODULE AND CODEWHEEL
ALIGN ENCODER MODULE AND CODEWHEEL AS SHOWN.
BE CAREFUL NOT TO DAMAGE THE ENCODER INTERNAL COMPONENTS
WITH THE CODEWHEEL.
BRING THE ENCODER MODULE AND CODEWHEEL DOWN SUCH THAT
THE ENCODER MODULE LOCATING HOLES (ON ITS UNDERSIDE)
MATE WITH THE BASEPLATE ROUND PINS. THE BASEPLATE SQUARE
PINS SHOULD SEAT INTO THE ENCODER MODULE MOUNTING
THRU HOLES.
CONCURRENTLY, BRING THE CODEWHEEL DOWN ONTO THE
MATING SHAFT.


Similar Part No. - HEDM-6505-T06

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDM-65XX HP-HEDM-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
More results

Similar Description - HEDM-6505-T06

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDL-65XX HP-HEDL-65XX Datasheet
278Kb / 15P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-65XX AVAGO-HEDL-65XX Datasheet
246Kb / 14P
   Large Diameter (56 mm), Housed Two and Three Channel Optical Encoders
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
logo
Agilent(Hewlett-Packard...
HEDS5540 HP-HEDS5540 Datasheet
263Kb / 15P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-61X0 HP-HEDS-61X0 Datasheet
240Kb / 15P
   Two and Three Channel Codewheels for Use with Agilent Optical Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com