Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5314 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5314
Description  Two/Three/Four-Phase Buck CPU Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5314 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5314 Datasheet HTML 4Page - ON Semiconductor NCP5314 Datasheet HTML 5Page - ON Semiconductor NCP5314 Datasheet HTML 6Page - ON Semiconductor NCP5314 Datasheet HTML 7Page - ON Semiconductor NCP5314 Datasheet HTML 8Page - ON Semiconductor NCP5314 Datasheet HTML 9Page - ON Semiconductor NCP5314 Datasheet HTML 10Page - ON Semiconductor NCP5314 Datasheet HTML 11Page - ON Semiconductor NCP5314 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
NCP5314
http://onsemi.com
8
PIN DESCRIPTION
Pin No.
Pin Symbol
Pin Name
Description
1−3,
30−32
VID0−VID5
DAC VID Inputs
VID−compatible logic input used to program the converter output voltage.
All high on VID0−VID4 generates fault.
4
PWRLS
Power Good Sense
Voltage sensing pin for Power Good lower threshold.
5
VFFB
Fast Voltage Feedback
Input of PWM comparator for fast voltage feedback, and also the inputs of
Power Good sense and overvoltage protection comparators
6
SS
Soft Start
A capacitor between this pin and ground programs the soft start time.
7
PWRGD
Power Good Output
Open collector output goes high when the converter output is in regulation.
8
DRVON
Drive Enable
Logic high enables MOSFET drivers, and logic low turns all MOSFETs off
through MOSFET drivers. Pulled to ground through internal 70 k resistor.
9
SGND
Remote Sense Ground
Ground connection for DAC and error amplifier. Provides remote sensing of
load ground.
10
VDRP
Output of Current Sense
Amplifiers for Adaptive
Voltage Positioning
The offset above DAC voltage is proportional to the sum of inductor current.
A resistor from this pin to VFB programs the amount of Adaptive Voltage
Positioning. Leave this pin open for no Adaptive Voltage Positioning.
11
VFB
Voltage Feedback
Error amplifier inverting input.
12
COMP
Error Amp Output
Provides loop compensation and is clamped by SS during soft start and
fault conditions. It is also the inverting input of PWM comparators.
13
CS4N
Current Sense Reference
Inverting input to current sense amplifier #4.
14
CS4P
Current Sense Input
Non−inverting input to current sense amplifier #4.
15
CS3N
Current Sense Reference
Inverting input to current sense amplifier #3, and Phase 3 disable pin.
16
CS3P
Current Sense Input
Non−inverting input to current sense amplifier #3, and Phase 3 disable pin.
17
GND
Ground
IC power supply return. Connected to IC substrate.
18−21
GATE4−GATE1
Channel Outputs
PWM outputs to drive MOSFET driver ICs.
22
VCC
IC Power Supply
Power Supply Input for IC.
23
ROSC
Oscillator Frequency Adjust
Resistor to ground programs the oscillator frequency, as shown in Oscillator
Frequency graph Figure 7.
24
ILIM
Total Current Limit
Resistor divider between ROSC and ground programs the average current
limit.
25
CS1P
Current Sense Input
Non−inverting input to current sense amplifier #1.
26
CS1N
Current Sense Reference
Inverting input to current sense amplifier #1.
27
CS2P
Current Sense Input
Non−inverting input to current sense amplifier #2.
28
CS2N
Current Sense Reference
Inverting input to current sense amplifier #2.
29
ENABLE
Enable
A voltage less than the threshold puts the IC in Fault Mode, discharging SS.
Connect to system VIDPWRGD signal to control powerup sequencing.
Hysteresis is provided to prevent chatter.


Similar Part No. - NCP5314

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5314 ONSEMI-NCP5314 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5314 ONSEMI-NCP5314 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5314FTR2 ONSEMI-NCP5314FTR2 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5314FTR2G ONSEMI-NCP5314FTR2G Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5314MNR2 ONSEMI-NCP5314MNR2 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
More results

Similar Description - NCP5314

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5318 ONSEMI-NCP5318 Datasheet
373Kb / 31P
   Two/Three/Four?뭁hase Buck CPU Controller
June, 2006 ??Rev. 4
NCP5314 ONSEMI-NCP5314_07 Datasheet
677Kb / 29P
   Two/Three/Four?뭁hase Buck CPU Controller
January, 2007 ??Rev. 10
NCP5316 ONSEMI-NCP5316 Datasheet
355Kb / 32P
   Four/Five/Six-Phase Buck CPU Controller
February, 2004 ??Rev. 9
CS5304 ONSEMI-CS5304 Datasheet
247Kb / 19P
   Three-Phase Buck Controller
September, 2011 ??Rev. 0
NCP5316 ONSEMI-NCP5316_06 Datasheet
997Kb / 31P
   Four/Five/Six?뭁hase Buck CPU Controller
July, 2006 ??Rev. 10
logo
National Semiconductor ...
LM27212 NSC-LM27212 Datasheet
1Mb / 23P
   Two-Phase Current-Mode Hysteretic Buck Controller
logo
ON Semiconductor
ADP3207 ONSEMI-ADP3207 Datasheet
398Kb / 29P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3207A ONSEMI-ADP3207A Datasheet
396Kb / 28P
   CPU Synchronous Buck Controller
February 2008 ??Rev. 1
logo
uPI Group Inc.
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
   Compact Three-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com