Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSD4323-XX Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LSD4323-XX
Description  LED Displays Numeric 7-segment
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSD4323-XX Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LSD4323-XX Datasheet HTML 1Page - List of Unclassifed Manufacturers LSD4323-XX Datasheet HTML 2Page - List of Unclassifed Manufacturers LSD4323-XX Datasheet HTML 3Page - List of Unclassifed Manufacturers LSD4323-XX Datasheet HTML 4Page - List of Unclassifed Manufacturers LSD4323-XX Datasheet HTML 5Page - List of Unclassifed Manufacturers LSD4323-XX Datasheet HTML 6Page - List of Unclassifed Manufacturers LSD4323-XX Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LED Displays Numeric 7-segment
Single Digit Display 0.43”
3
1.8
2.4
1.5
585
Yellow
GaAsP/GaP
LSD4323-XX
5.5
3
2.8
1.7
660
Red
GaAlAs
LSD4325-XX
3
1.8
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD4324-XX
2.8
1.5
2.8
1.7
565
Green
GaP
LSD4322-XX
0.9
0.5
2.8
1.7
697
Red
GaP
C.A
LSD4321-XX
3
1.8
2.4
1.5
585
Yellow
GaAsP/GaP
LSD4313-XX
5.5
3
2.4
1.5
660
Super Red
GaAlAs
LSD4315-XX
3
1.8
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD4314-XX
2.8
1.5
2.8
1.7
565
Green
GaP
C.C
LSD4312-XX
0.9
0.5
2.8
1.7
697
Red
GaP
LSD4311-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 0.50”
3.2
1.8
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5063-XX
6
3.5
2.8
1.7
660
Red
GaAlAs
LSD5065-XX
3.2
1.8
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5064-XX
2.6
1.6
2.8
1.7
565
Green
GaP
LSD5062-XX
1.5
0.9
2.8
1.7
697
Red
GaP
C.A
LSD5061-XX
3.2
1.8
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5053-XX
6
3.5
2.4
1.5
660
Super Red
GaAlAs
LSD5055-XX
3.2
1.8
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5054-XX
2.6
1.6
2.8
1.7
565
Green
GaP
C.C
LSD5052-XX
1.5
0.9
2.8
1.7
697
Red
GaP
LSD5051-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Single Digit Display 0.52”
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5363-XX
8.5
5
2.8
1.7
660
Red
GaAlAs
LSD5365-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5364-XX
4
2.4
2.8
1.7
565
Green
GaP
LSD5362-XX
1.5
0.9
2.8
1.7
697
Red
GaP
C.A
LSD5361-XX
4.5
3
2.4
1.5
585
Yellow
GaAsP/GaP
LSD5353-XX
8.5
5
2.4
1.5
660
Super Red
GaAlAs
LSD5355-XX
4.5
3
2.8
1.7
635
Hi-Eff Red
GaAsP/GaP
LSD5354-XX
4
2.4
2.8
1.7
565
Green
GaP
C.C
LSD5352-XX
1.5
0.9
2.8
1.7
697
Red
GaP
LSD5351-XX
Typ
Min
Max
Min
emitted
material
Iv(mcd)
@ 10mA
Vf(v)
@ 20mA
λP
(nm)
CHIP
PART NO
Displays are supplied bin graded and luminous intensity values may be higher in production.
3
14
3
14
LSD431X-XX
LSD432X-XX
A
B
C
D
E
F
G
R.DP
A
B
C
D
E
F
G
R.DP
1
13
10
8
7
2
11
9
1
13
10
8
7
2
11
9
NP:4,5,12
NP:4,5,12
L.DP
6
6
L.DP
RDP
LDP
A
B
C
E
F
G
D
10.9
(0.43")
18.9
(0.74")
1.6
12.6
(0.5")
7.8
(0.3")
1.5(0.059")
0.5
TYP.
2.54X6=
15.24
(0.6")
PIN
NO.1
7.62
(0.3")
LSD43XX-XX
LIGITEK
RDP
LDP
A
B
C
E
F
G
D
10.9
(0.43")
18.9
(0.74")
1.6
12.6
(0.5")
7.8
(0.3")
1.5(0.059")
0.5
TYP.
2.54X6=
15.24
(0.6")
PIN
NO.1
7.62
(0.3")
LSD43XX-XX
LIGITEK
3
14
3
14
LSD431X-XX
LSD432X-XX
A
B
C
D
E
F
G
R.DP
A
B
C
D
E
F
G
R.DP
1
13
10
8
7
2
11
9
1
13
10
8
7
2
11
9
NP:4,5,12
NP:4,5,12
L.DP
6
6
L.DP
12.7
(0.5")
19.0
(0.75")
12.7
(0.5")
15.24
(0.6")
1.2(0.04")
LSD50XX-XX
LIGITEK
0.5
TYP.
2.54X4=10.16
(0.4")
8.0
(0.32")
1.0(0.039")
PIN NO.1
LSD505X-XX
3
8
7
6
4
2
1
9
10
5
7
6
4
2
1
9
10
5
LSD506X-XX
3
8
A
B
C
D
E
F
G
DP
A
B
C
D
E
F
G
DP
0.5
TYP.
LIGITEK
12.4
(0.5")
17.5
(0.69")
13.1
(0.52")
7.0
(0.28")
1.4
LSD53XX-XX
7.0
(0.28")
15.24
(0.6")
2.54X4=10.16
(0.4")
3.5MIN
A
BC
D
EF
G
DP
AB
C
D
EF
G
DP
3
8
38
76
42
1
9
10
5
7
6
42
1
9
10
5
LSD535X-XX
LSD536X-XX


Similar Part No. - LSD4323-XX

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-22-XX-PF LIGITEK-LSD401-22-XX-PF Datasheet
148Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX LIGITEK-LSD401-24-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results

Similar Description - LSD4323-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FND500 ETC2-FND500 Datasheet
67Kb / 2P
   Red GaAsP 0.5-inch 7-Segment Numeric LED Displays
logo
Visual Communications C...
DSM7TA56105T VCC-DSM7TA56105T Datasheet
446Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28105T VCC-DSM7TA28105T Datasheet
504Kb / 6P
   7-Segment LED Numeric Display
DSM7TA28106T VCC-DSM7TA28106T Datasheet
491Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56101T VCC-DSM7TA56101T Datasheet
443Kb / 6P
   7-Segment LED Numeric Display
DSM7TA56106T VCC-DSM7TA56106T Datasheet
444Kb / 6P
   7-Segment LED Numeric Display
logo
Rohm
LB-303AK ROHM-LB-303AK_17 Datasheet
360Kb / 5P
   Three-digit LED numeric displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
[Old version datasheet]   NUMERIC DISPLAYS
logo
Lite-On Technology Corp...
LTS-367P LITEON-LTS-367P Datasheet
581Kb / 4P
   0.36 Single Digit Numeric LED Displays
logo
EPIGAP optoelectronic G...
EDC-660-19-02 EPIGAP-EDC-660-19-02 Datasheet
21Kb / 1P
   7-Segment LED-Chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com