Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR420A Datasheet(PDF) 9 Page - International Rectifier

Part # IRFR420A
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR420A Datasheet(HTML) 9 Page - International Rectifier

Back Button IRFR420A Datasheet HTML 2Page - International Rectifier IRFR420A Datasheet HTML 3Page - International Rectifier IRFR420A Datasheet HTML 4Page - International Rectifier IRFR420A Datasheet HTML 5Page - International Rectifier IRFR420A Datasheet HTML 6Page - International Rectifier IRFR420A Datasheet HTML 7Page - International Rectifier IRFR420A Datasheet HTML 8Page - International Rectifier IRFR420A Datasheet HTML 9Page - International Rectifier IRFR420A Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRFR420A/IRFU420A
www.irf.com
9
I-Pak (TO-251AA) Package Outline
Dimensions are shown in millimeters (inches)
I-Pak (TO-251AA) Part Marking Information
6.73 (.26 5 )
6.35 (.25 0 )
- A -
6.22 (.245 )
5.97 (.235 )
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
2.28 (.09 0)
1.14 (.0 45)
0.76 (.0 30)
5.46 (.21 5)
5.21 (.20 5)
1 .27 (.050)
0 .88 (.035)
2.38 (.09 4 )
2.19 (.08 6 )
1.14 (.045)
0.89 (.035)
0 .58 (.02 3)
0 .46 (.01 8)
L E AD A S S IG N M EN T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
NO T E S :
1 D IM E N S IO NING & T O L E R A NCING P E R A N S I Y 1 4 .5 M , 19 8 2 .
2 C O N T R O L L IN G D IM E N S IO N : IN C H .
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 D IM E N S IO N S SH O W N AR E B E F O R E S O L D ER D IP,
S O LD E R D IP M A X . + 0 .16 (.006).
9 .65 (.38 0)
8 .89 (.35 0)
2X
3X
2.2 8 (.0 9 0)
1.9 1 (.0 7 5)
1.5 2 (.060)
1.1 5 (.045)
4
1
2
3
6.45 (.245)
5.68 (.224)
0.58 (.023 )
0.46 (.018 )
WEEK 19
LINE A
YEAR 9 = 1999
DAT E CODE
PART NUMBER
IN T HE ASSEMBLY LINE "A"
AS S EMBLED ON WW 19, 1999
LOT CODE 5678
RECT IFIER
LOGO
INT ERNAT IONAL
AS S EMBLY
LOT CODE
56
78
EXAMPLE:
WIT H ASSEMBLY
THIS IS AN IRFR120
IRFU120
919A


Similar Part No. - IRFR420A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFR420A VISHAY-IRFR420A Datasheet
167Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFR420A KERSEMI-IRFR420A Datasheet
2Mb / 7P
   Power MOSFET
IRFR420A KERSEMI-IRFR420A Datasheet
2Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFR420A ISC-IRFR420A Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFR420A VISHAY-IRFR420A Datasheet
267Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFR420A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com