Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK621-031 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK621-031
Description  TENTATIVE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK621-031 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK621-031 Datasheet HTML 1Page - Sanyo Semicon Device STK621-031 Datasheet HTML 2Page - Sanyo Semicon Device STK621-031 Datasheet HTML 3Page - Sanyo Semicon Device STK621-031 Datasheet HTML 4Page - Sanyo Semicon Device STK621-031 Datasheet HTML 5Page - Sanyo Semicon Device STK621-031 Datasheet HTML 6Page - Sanyo Semicon Device STK621-031 Datasheet HTML 7Page - Sanyo Semicon Device STK621-031 Datasheet HTML 8Page - Sanyo Semicon Device STK621-031 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
STK621-031
( −
No. 4
注記/Notes
1.ON 入力信号電圧は出力段 IGBT を ON させるための入力信号電圧を、OFF 入力信号電圧は出力段 IGBT を OFF させる
ための入力信号電圧を規定しています。 出力 ON 時には0V∼VIH(MAX)、OFF 時にはVIL(MIN)∼VDD の電圧で
ご使用下さい。
Input ON voltage indicates a value to turn on output stage IGBT.
Input OFF voltage indicates a value to turn off output stage IGBT.
At the time of output ON, set the input signal voltage 0V to VIH (MAX).
At the time of output OFF, set the input signal voltage VIL (MIN) to VDD.
2.内蔵保護回路が働き、Fault信号
(LowでFAULT ON:オープンドレイン出力)がオンしたあとは、6つの入力信号のうち
いずれかがオン
(Low)していればラッチ継続します。ラッチ状態は6つの入力信号がすべてオフ(High)になり約10 μs
後にリセットされます。
When the internal protection circuit operates, there is FAULT signal ON (When the FAULT terminal is
low level, FAULT signal is ON state : output form is open DRAIN). It continues a latch if either of six
input signals is doing ON (Low level). A latch condition is reset about 10 μs later after all six input
signals become OFF (High level).
但し、制御電源電圧低下保護(UVLO)の動作は次のようになります。
But, the operation of pre-drive power supply low voltage protection (UVLO) is as follows.
上アーム→FAULT 信号出力はしませんが、該当ゲート信号をオフします。尚、正常電圧に回復すると正規動作に復
帰しますが、入力信号がオン(Low)の間はラッチ継続します。
Upper side →There is not FAULT signal output but it does a corresponding gate signal OFF.
Incidentally, it returns to the regular operation when recovering to the normal voltage
but the latch continues among input signal ON (Low).
下アーム→ゲート信号オフとあわせて FAULT 信号を出力します。しかし、上アームの保護動作とは異なり、正常電
圧に回復すると自動復帰し動作開始状態となります。(保護動作は、入力信号によってラッチされませ
ん。)
Lower side →It outputs FAULT signal with gate signal OFF.
However, it different from the protection operation of upper side, it is automatically
reset and becomes an operation beginning condition when recovering to the normal voltage.
(The protection operation doesn't latch by the input signal.)
3.放熱板にICを取り付ける際には、締め付けトルク 0.79∼1.17N・mでご使用下さい。
放熱板の取り付け平面度は、0.25mm 以下として下さい。
When assembling the hybrid IC on the heat sink, tightening torque range is 0.79N・m to 1.17N・m.
Flatness of the heat-sink should be lower than 0.25mm.
4.制御電源電圧低下保護は、動作中の異常により制御電源電圧が低下した時に素子を保護する為の機能です。動
作開始時などの制御電源電圧低下につきましては、セットでのご確認をお願いします。
The pre-drive low voltage protection is the feature to protect a device when the pre-driver supply
voltage declines with the operating malfunction. As for the pre-driver supply voltage decline in
case of operation beginning, and so on, we request confirmation in the set.


Similar Part No. - STK621-031

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK621-033N-E SANYO-STK621-033N-E Datasheet
83Kb / 8P
   3-phase Inverter Motor Drive Inverter Hybrid IC
More results

Similar Description - STK621-031

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
2SD1068 SONY-2SD1068 Datasheet
158Kb / 3P
   TENTATIVE
logo
Sanyo Semicon Device
STK621-018 SANYO-STK621-018 Datasheet
293Kb / 8P
   TENTATIVE
STK621-041 SANYO-STK621-041 Datasheet
339Kb / 10P
   TENTATIVE
STK621-017 SANYO-STK621-017 Datasheet
295Kb / 8P
   TENTATIVE
logo
Vishay Telefunken
ECC808 TFUNK-ECC808 Datasheet
440Kb / 4P
   Tentative data
logo
AZ Displays
P0340WQLC-T AZDISPLAYS-P0340WQLC-T Datasheet
1Mb / 20P
   Tentative Product Specification
P0340WQLB-T AZDISPLAYS-P0340WQLB-T Datasheet
1Mb / 21P
   Tentative Product Specification
P0430WQLC-T AZDISPLAYS-P0430WQLC-T Datasheet
2Mb / 21P
   Tentative Product Specification
logo
Fuji Electric
1MBI150SH-140 FUJI-1MBI150SH-140 Datasheet
168Kb / 2P
   Tentative target specification
logo
AZ Displays
P0430WQLB-T AZDISPLAYS-P0430WQLB-T Datasheet
2Mb / 21P
   Tentative Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com