Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLASB3157 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLASB3157
Description  2:1 Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLASB3157 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLASB3157 Datasheet HTML 2Page - ON Semiconductor NLASB3157 Datasheet HTML 3Page - ON Semiconductor NLASB3157 Datasheet HTML 4Page - ON Semiconductor NLASB3157 Datasheet HTML 5Page - ON Semiconductor NLASB3157 Datasheet HTML 6Page - ON Semiconductor NLASB3157 Datasheet HTML 7Page - ON Semiconductor NLASB3157 Datasheet HTML 8Page - ON Semiconductor NLASB3157 Datasheet HTML 9Page - ON Semiconductor NLASB3157 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NLASB3157
http://onsemi.com
6
APPENDIX A
AC ELECTRICAL EXTENDED AUTOMOTIVE TEMPERATURE RANGE CHARACTERISTICS
VCC
TA = +255C
TA = −555C to +1255C
Figure
Symbol
Parameter
Test Conditions
VCC
(V)
Min
Typ
Max
Min
Max
Unit
Figure
Number
tPHL
tPLH
Propagation Delay
Bus to Bus (Note 16)
VI = OPEN
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
1.2
0.8
0.3
ns
Figures
2, 3
tPZL
tPZH
Output Enable Time
Turn On Time
(A to Bn)
VI = 2
VCC for tPZL
VI = 0 V for tPZH
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
23
13
6.9
5.2
7.0
3.5
2.5
1.7
24
14
9.0
7.0
ns
Figures
2, 3
tPLZ
tPHZ
Output Disable Time
Turn Off Time
(A Port to B Port)
VI = 2
VCC for tPLZ
VI = 0 V for tPHZ
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
12.5
7.0
5.0
3.5
3.0
2.0
1.5
0.8
13
7.5
6.5
5.0
ns
Figures
2, 3
tB−M
Break Before Make
Time (Note 15)
1.65−1.95
2.3−2.7
3.0−3.6
4.5−5.5
0.5
0.5
0.5
0.5
ns
Figure 4
15. Guaranteed by Design.
16. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the RC delay of the On
Resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
* For
DRON, RFLAT, Q, OIRR, Xtalk, BW, THD, and CIN see −405C to 855C section.


Similar Part No. - NLASB3157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLASB3157 ONSEMI-NLASB3157 Datasheet
98Kb / 10P
   SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9
NLASB3157DFT2 ONSEMI-NLASB3157DFT2 Datasheet
98Kb / 10P
   SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9
NLASB3157DFT2 ONSEMI-NLASB3157DFT2 Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
98Kb / 10P
   SPDT, 3 ohm RON Switch
November, 2006 ??Rev. 9
NLASB3157DFT2G ONSEMI-NLASB3157DFT2G Datasheet
139Kb / 10P
   The NLASB3157 is an advanced CMOS analog switch fabricated with silicon gate CMOS technology
August, 2013 ??Rev. 13
More results

Similar Description - NLASB3157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58_16 Datasheet
169Kb / 10P
   ECL 2:1 Multiplexer
August, 2016 ??Rev. 8
logo
Motorola, Inc
MC10E157 MOTOROLA-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com