Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP631GD2TR4 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP631GD2TR4
Description  3.0 A Linear Voltage Regulator with Soft Start
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP631GD2TR4 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP631GD2TR4 Datasheet HTML 1Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 2Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 3Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 4Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 5Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 6Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 7Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 8Page - ON Semiconductor NCP631GD2TR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP631
http://onsemi.com
4
-40
10
60
110
TA, AMBIENT TEMPERATURE (°C)
Vshutdown = 0 V
-40
10
60
110
TA, AMBIENT TEMPERATURE (°C)
-40
10
60
110
TA, AMBIENT TEMPERATURE (°C)
3.445
3.450
3.455
3.460
3.465
3.470
3.475
3.480
3.485
-40
10
60
110
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1.0
1.2
TA, AMBIENT TEMPERATURE (°C)
Figure 3. Output Voltage vs. Temperature
Figure 4. Short Circuit Limit vs. Temperature
Iout = 3.0 A
Iout = 300 mA
Figure 5. Dropout Voltage vs. Temperature
-40
10
60
110
TA, AMBIENT TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
Iout = 3.0 A
Iout = 300 mA
Figure 6. Ground Current vs. Temperature
0
10
20
30
40
50
Figure 7. Ground Pin Current in Shutdown Mode
vs. Temperature
-15
35
85
130
-15
35
85
130
-15
35
85
130
-15
35
85
130
-15
35
85
130


Similar Part No. - NCP631GD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631GD2TR4 ONSEMI-NCP631GD2TR4 Datasheet
129Kb / 9P
   3.0 A Linear Voltage Regulator with Soft?뭆tart
April, 2006 ??Rev. 5
NCP631GD2TR4G ONSEMI-NCP631GD2TR4G Datasheet
129Kb / 9P
   3.0 A Linear Voltage Regulator with Soft?뭆tart
April, 2006 ??Rev. 5
More results

Similar Description - NCP631GD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP631 ONSEMI-NCP631_06 Datasheet
129Kb / 9P
   3.0 A Linear Voltage Regulator with Soft?뭆tart
April, 2006 ??Rev. 5
NCP59744 ONSEMI-NCP59744 Datasheet
205Kb / 10P
   3.0 A, Dual-Rail Very Low-Dropout Linear Regulator with Programmable Soft-Start
January, 2015 ??Rev. 1
logo
Texas Instruments
TPS74801-Q1 TI1-TPS74801-Q1_13 Datasheet
1Mb / 29P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
TPS74801-Q1 TI1-TPS74801-Q1 Datasheet
734Kb / 22P
[Old version datasheet]   1.5 A Low-Dropout Linear Regulator with Programmable Soft-Start
logo
STMicroelectronics
LD59150 STMICROELECTRONICS-LD59150_V01 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
Rev 6 - December 2022
LD59150 STMICROELECTRONICS-LD59150 Datasheet
1Mb / 22P
   1.5 A low-dropout linear regulator with programmable soft-start
November 2020 Rev 5
logo
Richtek Technology Corp...
RT9008 RICHTEK-RT9008 Datasheet
118Kb / 9P
   Low Dropout Linear Regulator Controller with Soft-Start
logo
Texas Instruments
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
TPS748 TI-TPS748_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS748 1.5-A Low-Dropout Linear Regulator With Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com