Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H561638F-UC Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4H561638F-UC
Description  256Mb F-die DDR SDRAM Specification
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H561638F-UC Datasheet(HTML) 4 Page - Samsung semiconductor

  K4H561638F-UC Datasheet HTML 1Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 2Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 3Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 4Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 5Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 6Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 7Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 8Page - Samsung semiconductor K4H561638F-UC Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DDR SDRAM
DDR SDRAM 256Mb F-die (x8, x16) Pb-Free
Rev. 1.2 October, 2004
Pin Description
DM is internally loaded to match DQ and DQS identically.
256Mb TSOP-II Package Pinout
Row & Column address configuration
1
66Pin TSOPII
(400mil x 875mil)
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
27
26
25
24
23
22
21
54
53
52
51
50
49
48
47
46
45
44
43
35
36
37
38
39
40
41
42
55
56
57
58
59
60
34
(0.65mm Pin Pitch)
33
32
31
30
29
28
61
62
63
64
65
66
Bank Address
BA0~BA1
Auto Precharge
A10
Organization
Row Address
Column Address
32Mx8
A0~A12
A0-A9
16Mx16
A0~A12
A0-A8
VDD
DQ0
VDDQ
DQ1
DQ2
VSSQ
DQ3
DQ4
VDDQ
DQ5
DQ6
VSSQ
BA0
CS
RAS
CAS
WE
LDM
VDDQ
DQ7
VDD
A3
A2
A1
A0
AP/A10
BA1
NC
LDQS
NC
NC
NC
VDD
VSS
DQ15
VSSQ
DQ14
DQ13
VDDQ
DQ12
DQ11
VSSQ
DQ10
DQ9
VDDQ
A11
CKE
CK
UDM
VREF
VSSQ
DQ8
VSS
A4
A5
A6
A7
A8
A9
NC
UDQS
NC
VSS
CK
NC
A12
16Mb x 16
32Mb x 8
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
BA0
CS
RAS
CAS
WE
NC
VDDQ
NC
VDD
A3
A2
A1
A0
AP/A10
BA1
NC
NC
NC
NC
NC
VDD
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
A11
CKE
CK
DM
VREF
VSSQ
NC
VSS
A4
A5
A6
A7
A8
A9
NC
DQS
NC
VSS
CK
NC
A12


Similar Part No. - K4H561638F-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638F-UCC4 SAMSUNG-K4H561638F-UCC4 Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H561638F-UCCC SAMSUNG-K4H561638F-UCCC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
More results

Similar Description - K4H561638F-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H560838F-UC SAMSUNG-K4H560838F-UC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
logo
List of Unclassifed Man...
A3S56D30FTP ETC-A3S56D30FTP Datasheet
205Kb / 40P
   256Mb DDR SDRAM Specification
Revision 1.3
logo
Samsung semiconductor
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
K4T56043QF SAMSUNG-K4T56043QF Datasheet
477Kb / 27P
   256Mb F-die DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com