Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H560838F-UC Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4H560838F-UC
Description  256Mb F-die DDR400 SDRAM Specification
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H560838F-UC Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4H560838F-UC Datasheet HTML 7Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 8Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 9Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 10Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 11Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 12Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 13Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 14Page - Samsung semiconductor K4H560838F-UC Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DDR SDRAM
DDR SDRAM 256Mb F-die (x8, x16)
Rev. 1.1 August. 2003
DDR SDRAM IDD spec table
(VDD=2.7V, T = 10°C)
Symbol
32Mx8
Unit
Notes
- CC(DDR400@CL=3)
- C4(DDR400@CL=3)
IDD0
105
100
mA
IDD1
130
130
mA
IDD2P
4
4
mA
IDD2F
30
30
mA
IDD2Q
25
25
mA
IDD3P
55
55
mA
IDD3N
75
75
mA
IDD4R
185
185
mA
IDD4W
220
220
mA
IDD5
200
200
mA
IDD6
Normal
3
3
mA
Low power
1.5
1.5
mA
Optional
IDD7A
350
350
mA
Symbol
16Mx16
Unit
Notes
- CC(DDR400@CL=3)
- C4(DDR400@CL=3)
IDD0
110
105
mA
IDD1
150
145
mA
IDD2P
4
4
mA
IDD2F
30
30
mA
IDD2Q
25
25
mA
IDD3P
55
55
mA
IDD3N
75
75
mA
IDD4R
220
220
mA
IDD4W
250
250
mA
IDD5
200
200
mA
IDD6
Normal
3
3
mA
Low power
1.5
1.5
mA
Optional
IDD7A
380
380
mA


Similar Part No. - K4H560838F-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560838F-UC/LA2 SAMSUNG-K4H560838F-UC/LA2 Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-UC/LAA SAMSUNG-K4H560838F-UC/LAA Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-UC/LB0 SAMSUNG-K4H560838F-UC/LB0 Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H560838F-UC/LB3 SAMSUNG-K4H560838F-UC/LB3 Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
More results

Similar Description - K4H560838F-UC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560838F-TC SAMSUNG-K4H560838F-TC Datasheet
171Kb / 19P
   256Mb F-die DDR400 SDRAM Specification
K4H56038D-TC SAMSUNG-K4H56038D-TC Datasheet
168Kb / 18P
   256Mb D-die DDR400 SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4T56043QF SAMSUNG-K4T56043QF Datasheet
477Kb / 27P
   256Mb F-die DDR2 SDRAM
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560438J SAMSUNG-K4H560438J Datasheet
364Kb / 24P
   256Mb J-die DDR SDRAM Specification
K4T56163QI SAMSUNG-K4T56163QI Datasheet
726Kb / 42P
   256Mb I-die DDR2 SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com