Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1072CTC-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1072CTC-T
Description  1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1072CTC-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1072CTC-T Datasheet HTML 2Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 3Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 4Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 5Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 6Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 7Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 8Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 9Page - Maxim Integrated Products MAX1072CTC-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Typical Operating Characteristics (continued)
(VDD = +5V, VL = VDD, VREF = 4.096V, fSCLK = 28.8MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
1.8Msps, Single-Supply, Low-Power,
True-Differential, 10-Bit ADCs
6
_______________________________________________________________________________________
FFT PLOT (MAX1075)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
0
1000
fSAMPLE = 2Msps
fSCLK = 32MHz
fIN = 100kHz
SINAD = 61.37dB
SNR = 61.37dB
THD = -90.79dB
SFDR = 85.45dB
FFT PLOT (MAX1072)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
0
1000
fSAMPLE = 2Msps
fSCLK = 32MHz
fIN = 300kHz
SINAD = 61.43dB
SNR = 61.43dB
THD = -84.38dB
SFDR = 85.43dB
FFT PLOT (MAX1075)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
0
1000
fSAMPLE = 2Msps
fSCLK = 32MHz
fIN = 300kHz
SINAD = 61.36dB
SNR = 61.38dB
THD = -84.27dB
SFDR = 84.82dB
FFT PLOT (MAX1072)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
0
1000
fSAMPLE = 2Msps
fSCLK = 32MHz
fIN = 500kHz
SINAD = 61.27dB
SNR = 61.28dB
THD = -86.84dB
SFDR = 84.77dB
FFT PLOT (MAX1075)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
0
1000
fSAMPLE = 2Msps
fSCLK = 32MHz
fIN = 500kHz
SINAD = 61.34dB
SNR = 61.35dB
THD = -95.5dB
SFDR = 84.35dB
TOTAL HARMONIC DISTORTION
vs. SOURCE IMPEDANCE
SOURCE IMPEDANCE (
Ω)
100
-95
-90
-85
-80
-75
-70
-65
-60
-100
10
1000
fIN = 100kHz
fIN = 500kHz
TWO-TONE IMD PLOT (MAX1072)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
0
1000
fSCLK = 32MHz
fIN1 = 250.039kHz
fIN2 = 300.059kHz
IMD = -81.9dB
fIN1
fIN2
TWO-TONE IMD PLOT (MAX1075)
ANALOG INPUT FREQUENCY (kHz)
800
600
400
200
-120
-100
-80
-60
-40
-20
0
-140
0
1000
fSCLK = 32MHz
fIN1 = 250.039kHz
fIN2 = 300.059kHz
IMD = -82.1dB
fIN1
fIN2
VDD/VL FULL POWER-DOWN
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.2
0.4
0.6
0.8
1.0
0
-40
85
VDD, fSCLK = 28.8MHz
VDD, fSCLK = 0
VL, fSCLK = 0


Similar Part No. - MAX1072CTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1072 MAXIM-MAX1072 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1072ETC+T MAXIM-MAX1072ETC+T Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results

Similar Description - MAX1072CTC-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1072 MAXIM-MAX1072_09 Datasheet
876Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1274 MAXIM-MAX1274 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 0; 1/04
MAX1274 MAXIM-MAX1274_09 Datasheet
843Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
MAX1076 MAXIM-MAX1076 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 10-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1078 MAXIM-MAX1078 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs with Internal Reference
Rev 0; 5/04
MAX1276 MAXIM-MAX1276_09 Datasheet
663Kb / 18P
   1.8Msps, Single-Supply, Low-Power, True- Differential, 12-Bit ADCs with Internal Reference
Rev 1; 4/09
MAX1276 MAXIM-MAX1276 Datasheet
1Mb / 18P
   1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs with Internal Reference
Rev 0; 8/04
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070_09 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1224 MAXIM-MAX1224_09 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com