Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT1396C Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AT1396C
Description  Preliminary Product Information 6-Channel DC-DC Converter for DS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1396C Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AT1396C Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 10Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 11Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 12Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 13Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AT1396A/B/C/D
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
10
REVD: 05/05/23
CH4 , 5 , 6 Efficiency VS. Load Current
CH4 , 5 , 6 Efficiency VS. Load Current


Similar Part No. - AT1396C

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P AIMTRON-AT1391P Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
AT1391P-GRE AIMTRON-AT1391P-GRE Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
AT1392P ETC1-AT1392P Datasheet
254Kb / 8P
   1-Channel Synchronous Buck PWM Controller
More results

Similar Description - AT1396C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1308 ETC1-AT1308 Datasheet
377Kb / 15P
   Preliminary Product Information Micro-Power Step up DC-DC Converter
logo
Renesas Technology Corp
UPD78F0949 RENESAS-UPD78F0949 Datasheet
551Kb / 72P
   PRELIMINARY PRODUCT INFORMATION
1999
logo
Kingbor Technology Co
KB3310 KINGBOR-KB3310 Datasheet
250Kb / 7P
   Preliminary Product Information MicroPower Charge Pump Converter
logo
List of Unclassifed Man...
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
   6-Channel DC-DC Converter for DSC
AT1397A AIMTRON-AT1397A Datasheet
696Kb / 21P
   6-Channel DC-DC Converter for DSC
logo
Powerbox
D048C033T018M2N POWERBOX-D048C033T018M2N Datasheet
1Mb / 1P
   220W DC/DC CONVERTER PRELIMINARY
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
   6-CHANNEL DC-DC CONVERTER CONTROLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com