Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-F108-GF000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # 5082-F108-GF000
Description  Low Current Seven Segment Displays
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-F108-GF000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  5082-F108-GF000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-F108-GF000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• Low Power Consumption
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size
7.6 mm (0.30 in), 10 mm (0.40
in), 10.9 mm (0.43 in), 14.2
mm (0.56 in), 20 mm (0.80 in)
• Choice of Colors
AlGaAs Red, High Efficiency
Red (HER), Yellow, Green
• Excellent Appearance
Evenly Lighted Segments
±50° Viewing Angle
• Design Flexibility
Common Anode or Common
Cathode
Single and Dual Digit
Left and Right Hand Decimal
Points
±1. Overflow Character
• Categorized for Luminous
Intensity
Yellow and Green Categorized
for Color
Use of Like Categories Yields a
Uniform Display
• Excellent for Long Digit
String Multiplexing
Description
These low current seven segment
displays are designed for applica-
tions requiring low power
consumption. They are tested and
selected for their excellent low
current characteristics to ensure
that the segments are matched at
low currents. Drive currents as
low as 1 mA per segment are
available.
Pin for pin equivalent displays
are also available in a standard
current or high light ambient
design. The standard current
displays are available in all colors
and are ideal for most applica-
tions. The high light ambient
displays are ideal for sunlight
ambients or long string lengths.
For additional information see
the 7.6 mm Micro Bright Seven
Segment Displays, 10 mm Seven
Segment Displays, 7.6 mm/10.9
mm Seven Segment Displays,
14.2 mm Seven Segment
Displays, 20 mm Seven Segment
Displays, or High Light Ambient
Seven Segment Displays data
sheets.
Low Current Seven Segment
Displays
Technical Data
HDSP-335x Series
HDSP-555x Series
HDSP-751x Series
HDSP-A10x Series
HDSP-A80x Series
HDSP-A90x Series
HDSP-E10x Series
HDSP-F10x Series
HDSP-G10x Series
HDSP-H10x Series
HDSP-K12x, K70x Series
HDSP-N10x Series
HDSP-N40x Series


Similar Part No. - 5082-F108-GF000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-F111-00000 HP-5082-F111-00000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F111-0D000 HP-5082-F111-0D000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F111-0E000 HP-5082-F111-0E000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F111-0F000 HP-5082-F111-0F000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
5082-F111-0G000 HP-5082-F111-0G000 Datasheet
189Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - 5082-F108-GF000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com