Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5813A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT5813A
Description  20-A 3.3-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5813A Datasheet(HTML) 1 Page - Texas Instruments

  PT5813A Datasheet HTML 1Page - Texas Instruments PT5813A Datasheet HTML 2Page - Texas Instruments PT5813A Datasheet HTML 3Page - Texas Instruments PT5813A Datasheet HTML 4Page - Texas Instruments PT5813A Datasheet HTML 5Page - Texas Instruments PT5813A Datasheet HTML 6Page - Texas Instruments PT5813A Datasheet HTML 7Page - Texas Instruments PT5813A Datasheet HTML 8Page - Texas Instruments PT5813A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT5810 Series
20-A 3.3-V Input Adjustable
Integrated Switching Regulator
SLTS174 - JANUARY 2003 - REVISED APRIL 2003
Standard Application
Cin
= Required 1,000 µF
Cout = Required 330 µF
Ordering Information
PT5812
H = 2.5 Volts
PT5813
H = 1.8 Volts
PT5814
H = 1.5 Volts
PT5815
H = 1.2 Volts
PT5816
H = 1.0 Volts
Pin
Function
1Vo Adjust
2
Inhibit*
3
Margin Dn*
4
Margin Up*
5Vin
6Vin
7Vin
8
Sense(–)
9
GND
10
GND
11
GND
12
GND
13
GND
14
Vout
15
Vout
16
Vout
17
Vout
18
Sense(+)
Features
3.3 V Input
20 A Output Current
DSP Compatible
Low-Profile (8 mm)
>90 % Efficiency
Output Margin Control (±5 %)
Adjustable Output Voltage
Pre-Bias Startup Capability
Pin-Out Information
* Denotes negative logic:
Open = Normal operation
Ground = Function active
Description
The PT5810 Excalibur™ series of integrated
switching regulators (ISRs) combines outstand-
ing power density with a comprehensive list of
features. They are an ideal choice for applications
where board space is a premium and performance
cannot be compromised. These modules provide
a full 20 A of output current, yet are housed in a
low-profile, 18-pin, package that is almost half
the size of the previous product generation. The
integral copper case construction requires no
heatsink, and offers the advantages of solderabil-
ity and a small footprint (0.736 in² for suffix ‘N’).
Both through-hole and surface mount pin con-
figurations are available.
The PT5810 series operates from a 3.3-V input
bus to provide a convenient point-of-load power
source for the industry’s latest high-performance
DSPs and microprocessors. The series includes
output voltage options as low as 1.0 VDC.
Other features include external output voltage
adjustment, a ±5 % margin control, on/off inhibit,
short circuit protection, thermal shutdown, and a
differential remote sense.
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code
Vertical
N
(EPP)
Horizontal
A
(EPQ)
SMD
C
(EPS)
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)
On/Off Inhibit Function
Over-Current Protection
Thermal Shutdown
Small Footprint
(0.736 in², Suffix ‘N’)
Surface Mount Compatible
IPC Lead Free 2
PT5800
V
o Adjust
Margin Up
Margin Dn
V
IN
9–13
4
118
14–17
5, 6, 7
8
2
L
O
A
D
C
IN
1,000 µF
(Required)
C
OUT
330 µF
(Required)
Inhibit
GND
GND
V
OUT
3
Sense(+)
Sense(–)


Similar Part No. - PT5813A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5813 TI1-PT5813 Datasheet
212Kb / 11P
[Old version datasheet]   20 A Output Current
More results

Similar Description - PT5813A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com